Electronic Components Datasheet Search
  English  ▼

X  

1762822 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1762822
Description  PCV 35 HC/ 5-GF-15,00
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1762822 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1762822 Datasheet HTML 1Page - PHOENIX CONTACT 1762822 Datasheet HTML 2Page - PHOENIX CONTACT 1762822 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PCV 35 HC/ 5-GF-15,00 Order No.: 1762822
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1762822
PHOENIX CONTACT Inc., USA
Page 2 / 3
http://www.phoenixcon.com
Apr 13, 2010
Rated voltage (III/2)
1000 V
Rated voltage (II/2)
1000 V
Nominal current IN
125 A
Nominal voltage UN
1000 V
Maximum load current
125 A
Insulating material
PBT
Inflammability class acc. to UL 94
V0
Diagrams/Drawings
Drilling plan/solder pad geometry
Dimensioned drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com