Electronic Components Datasheet Search
  English  ▼

X  

LM4951 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4951
Description  Wide Voltage Range 1.8 Watt Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4951 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4951 Datasheet HTML 7Page - National Semiconductor (TI) LM4951 Datasheet HTML 8Page - National Semiconductor (TI) LM4951 Datasheet HTML 9Page - National Semiconductor (TI) LM4951 Datasheet HTML 10Page - National Semiconductor (TI) LM4951 Datasheet HTML 11Page - National Semiconductor (TI) LM4951 Datasheet HTML 12Page - National Semiconductor (TI) LM4951 Datasheet HTML 13Page - National Semiconductor (TI) LM4951 Datasheet HTML 14Page - National Semiconductor (TI) LM4951 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Application Information
HIGH VOLTAGE BOOMER
Unlike previous 5V Boomer® amplifiers, the LM4951 is de-
signed to operate over a power supply voltages range of
2.7V to 9V. Operating on a 7.5V power supply, the LM4951
will deliver 1.8W into an 8
Ω BTL load with no more than 1%
THD+N.
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 1, the LM4951 consists of two opera-
tional amplifiers that drive a speaker connected between
their outputs. The value of input and feedback resistors
determine the gain of each amplifier. External resistors R
i
and R
f set the closed-loop gain of AMPA, whereas two 20k
Ω
internal resistors set AMP
B’s gain to -1. The LM4951 drives
a load, such as a speaker, connected between the two
amplifier outputs, V
O+ and VO -. Figure 1 shows that AMPA’s
output serves as AMP
B’s input. This results in both amplifiers
producing signals identical in magnitude, but 180˚ out of
phase. Taking advantage of this phase difference, a load is
placed between AMP
A and AMPB and driven differentially
(commonly referred to as "bridge mode"). This results in a
differential, or BTL, gain of
A
VD = 2(Rf / Ri)
(1)
Bridge mode amplifiers are different from single-ended am-
plifiers that drive loads connected between a single amplifi-
er’s output and ground. For a given supply voltage, bridge
mode has a distinct advantage over the single-ended con-
figuration: its differential output doubles the voltage swing
across the load. Theoretically, this produces four times the
output power when compared to a single-ended amplifier
under the same conditions. This increase in attainable output
power assumes that the amplifier is not current limited and
that the output signal is not clipped. To ensure minimum
output signal clipping when choosing an amplifier’s closed-
loop gain, refer to the AUDIO POWER AMPLIFIER DESIGN
section. Under rare conditions, with unique combinations of
high power supply voltage and high closed loop gain set-
tings, the LM4951 may exhibit low frequency oscillations.
Another advantage of the differential bridge output is no net
DC voltage across the load. This is accomplished by biasing
AMP1’s and AMP2’s outputs at half-supply. This eliminates
the coupling capacitor that single supply, single-ended am-
plifiers require. Eliminating an output coupling capacitor in a
typical single-ended configuration forces a single-supply am-
plifier’s half-supply bias voltage across the load. This in-
creases internal IC power dissipation and may permanently
damage loads such as speakers.
POWER DISSIPATION
Power dissipation is a major concern when designing a
successful bridged amplifier.
The LM4951’s dissipation when driving a BTL load is given
by Equation (2). For a 7.5V supply and a single 8
Ω BTL load,
the dissipation is 1.42W.
P
DMAX-MONOBTL = 4(VDD)
2 / 2
π2R
L:
Bridge Mode (2)
The maximum power dissipation point given by Equation (2)
must not exceed the power dissipation given by Equation
(3):
P
DMAX’= (TJMAX -TA) /
θ
JA
(3)
The LM4951’s T
JMAX = 150˚C. In the SD package, the
LM4951’s
θ
JA is 73˚C/W when the metal tab is soldered to a
copper plane of at least 1in
2. This plane can be split between
the top and bottom layers of a two-sided PCB. Connect the
two layers together under the tab with an array of vias. At any
given ambient temperature T
A, use Equation (3) to find the
maximum internal power dissipation supported by the IC
packaging. Rearranging Equation (3) and substituting P
DMAX
for P
DMAX’ results in Equation (4). This equation gives the
maximum ambient temperature that still allows maximum
stereo power dissipation without violating the LM4951’s
maximum junction temperature.
T
A =TJMAX -PDMAX-MONOBTL
θ
JA
(4)
For a typical application with a 7.5V power supply and a BTL
8
Ω load, the maximum ambient temperature that allows
maximum stereo power dissipation without exceeding the
maximum junction temperature is approximately 46˚C for the
TS package.
T
JMAX =PDMAX-MONOBTL
θ
JA +TA
(5)
Equation (5) gives the maximum junction temperature
T
JMAX. If the result violates the LM4951’s 150˚C, reduce the
maximum junction temperature by reducing the power sup-
ply voltage or increasing the load resistance. Further allow-
ance should be made for increased ambient temperatures.
The above examples assume that a device is operating
around the maximum power dissipation point. Since internal
power dissipation is a function of output power, higher am-
bient temperatures are allowed as output power or duty
cycle decreases.
If the result of Equation (2) is greater than that of Equation
(3), then decrease the supply voltage, increase the load
impedance, or reduce the ambient temperature. Further,
ensure that speakers rated at a nominal 8
Ω do not fall below
6
Ω. If these measures are insufficient, a heat sink can be
added to reduce
θ
JA. The heat sink can be created using
additional copper area around the package, with connec-
tions to the ground pins, supply pin and amplifier output pins.
Refer to the Typical Performance Characteristics curves
for power dissipation information at lower output power lev-
els.
POWER SUPPLY VOLTAGE LIMITS
Continuous proper operation is ensured by never exceeding
the voltage applied to any pin, with respect to ground, as
listed in the Absolute Maximum Ratings section.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection. Applications that employ a voltage regulator typi-
cally use a 10µF in parallel with a 0.1µF filter capacitors to
stabilize the regulator’s output, reduce noise on the supply
line, and improve the supply’s transient response. However,
their presence does not eliminate the need for a local 1.0µF
tantalum bypass capacitance connected between the
LM4951’s supply pins and ground. Do not substitute a ce-
ramic capacitor for the tantalum. Doing so may cause oscil-
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com