Electronic Components Datasheet Search
  English  ▼

X  

LM4951 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4951
Description  Wide Voltage Range 1.8 Watt Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4951 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4951 Datasheet HTML 10Page - National Semiconductor (TI) LM4951 Datasheet HTML 11Page - National Semiconductor (TI) LM4951 Datasheet HTML 12Page - National Semiconductor (TI) LM4951 Datasheet HTML 13Page - National Semiconductor (TI) LM4951 Datasheet HTML 14Page - National Semiconductor (TI) LM4951 Datasheet HTML 15Page - National Semiconductor (TI) LM4951 Datasheet HTML 16Page - National Semiconductor (TI) LM4951 Datasheet HTML 17Page - National Semiconductor (TI) LM4951 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Revision History
Rev
Date
Description
1.0
5/19/05
Added the TL (LM4951TL) Mktg
Outline per Nisha P.
1.1
6/13/05
Added the micro SMD pkg drawing.
1.2
7/12/05
Edited graphic F5, then re-released
D/S to the WEB per Nisha P. (MC)
1.3
7/27/05
Changed the Typ values of eos ( on
the 7.5V and 3.3V EC tables ) from
20 to 10, then re-released D/S to the
WEB per Nisha P. (MC)
1.4
10/19/05
Text edits, then released D/S to the
WEB.
1.5
10/26/05
Edited 200942 29, then re-released
D/S to the WEB.
1.6
11/01/05
Added the X1, X2, and X3 values on
the TLA09ZZA mktg outline, then
re-released D/S to the WEB per
Nisha.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com