Electronic Components Datasheet Search
  English  ▼

X  

MJE18006 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJE18006
Description  POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE18006 Datasheet(HTML) 1 Page - ON Semiconductor

  MJE18006 Datasheet HTML 1Page - ON Semiconductor MJE18006 Datasheet HTML 2Page - ON Semiconductor MJE18006 Datasheet HTML 3Page - ON Semiconductor MJE18006 Datasheet HTML 4Page - ON Semiconductor MJE18006 Datasheet HTML 5Page - ON Semiconductor MJE18006 Datasheet HTML 6Page - ON Semiconductor MJE18006 Datasheet HTML 7Page - ON Semiconductor MJE18006 Datasheet HTML 8Page - ON Semiconductor MJE18006 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola Bipolar Power Transistor Device Data
Designer's™ Data Sheet
SWITCHMODE™
NPN Bipolar Power Transistor
For Switching Power Supply Applications
The MJE/MJF18006 have an applications specific state–of–the–art die designed
for use in 220 V line–operated Switchmode Power supplies and electronic light
ballasts. These high voltage/high speed transistors offer the following:
• Improved Efficiency Due to Low Base Drive Requirements:
— High and Flat DC Current Gain hFE
— Fast Switching
— No Coil Required in Base Circuit for Turn–Off (No Current Tail)
• Tight Parametric Distributions are Consistent Lot–to–Lot
• Two Package Choices: Standard TO–220 or Isolated TO–220
• MJF18006, Case 221D, is UL Recognized at 3500 VRMS: File #E69369
MAXIMUM RATINGS
Rating
Symbol
MJE18006
MJF18006
Unit
Collector–Emitter Sustaining Voltage
VCEO
450
Vdc
Collector–Emitter Breakdown Voltage
VCES
1000
Vdc
Emitter–Base Voltage
VEBO
9.0
Vdc
Collector Current — Continuous
— Peak(1)
IC
ICM
6.0
15
Adc
Base Current — Continuous
— Peak(1)
IB
IBM
4.0
8.0
Adc
RMS Isolation Voltage(2) Test No. 1 Per Fig. 22a
(for 1 sec, R.H. < 30%,
Test No. 1 Per Fig. 22b
TC = 25_C)
Test No. 1 Per Fig. 22c
VISOL
—
—
—
4500
3500
1500
Volts
Total Device Dissipation
(TC = 25°C)
Derate above 25
_C
PD
100
0.8
40
0.32
Watts
W/
_C
Operating and Storage Temperature
TJ, Tstg
– 65 to 150
_C
THERMAL CHARACTERISTICS
Rating
Symbol
MJE18006
MJF18006
Unit
Thermal Resistance — Junction to Case
— Junction to Ambient
R
θJC
R
θJA
1.25
62.5
3.125
62.5
_C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8
″ from Case for 5 Seconds
TL
260
_C
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (IC = 100 mA, L = 25 mH)
VCEO(sus)
450
—
—
Vdc
Collector Cutoff Current (VCE = Rated VCEO, IB = 0)
ICEO
—
—
100
µAdc
Collector Cutoff Current (VCE = Rated VCES, VEB = 0)
(TC = 125_C)
Collector Cutoff Current (VCE = 800 V, VEB = 0)
(TC = 125_C)
ICES
—
—
—
—
—
—
100
500
100
µAdc
Emitter Cutoff Current (VEB = 9.0 Vdc, IC = 0)
IEBO
—
—
100
µAdc
(1) Pulse Test: Pulse Width = 5.0 ms, Duty Cycle
v 10%.
(continued)
(2) Proper strike and creepage distance must be provided.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJE18006/D
© Motorola, Inc. 1995
MJE18006
MJF18006
POWER TRANSISTOR
6.0 AMPERES
1000 VOLTS
40 and 100 WATTS
*Motorola Preferred Device
*
*
CASE 221A–06
TO–220AB
MJE18006
CASE 221D–02
ISOLATED TO–220 TYPE
UL RECOGNIZED
MJF18006
REV 1


Similar Part No. - MJE18006

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE18006 MOTOROLA-MJE18006 Datasheet
415Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 1000 VOLTS 40 and 100 WATTS
logo
Savantic, Inc.
MJE18006 SAVANTIC-MJE18006 Datasheet
101Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
MJE18006 JMNIC-MJE18006 Datasheet
100Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJE18006 ISC-MJE18006 Datasheet
134Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
MJE18006 SAVANTIC-MJE18006 Datasheet
103Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - MJE18006

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com