Electronic Components Datasheet Search
  English  ▼

X  

MJE18006 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJE18006
Description  POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE18006 Datasheet(HTML) 3 Page - ON Semiconductor

  MJE18006 Datasheet HTML 1Page - ON Semiconductor MJE18006 Datasheet HTML 2Page - ON Semiconductor MJE18006 Datasheet HTML 3Page - ON Semiconductor MJE18006 Datasheet HTML 4Page - ON Semiconductor MJE18006 Datasheet HTML 5Page - ON Semiconductor MJE18006 Datasheet HTML 6Page - ON Semiconductor MJE18006 Datasheet HTML 7Page - ON Semiconductor MJE18006 Datasheet HTML 8Page - ON Semiconductor MJE18006 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MJE18006 MJF18006
3
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMPS)
TJ = 125°C
0.01
100
IC, COLLECTOR CURRENT (AMPS)
Figure 1. DC Current Gain @ 1 Volt
Figure 2. DC Current Gain @ 5 Volts
Figure 3. Collector Saturation Region
Figure 4. Collector–Emitter Saturation Voltage
Figure 5. Base–Emitter Saturation Region
Figure 6. Capacitance
10
1
1
10
100
10
1
0.01
0.1
1
10
2
0.01
IB, BASE CURRENT (AMPS)
10
1
0.01
0.01
IC COLLECTOR CURRENT (AMPS)
0.1
1.3
1
0.8
0.4
0.01
IC, COLLECTOR CURRENT (AMPS)
0.1
1
10
1000
100
1
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
1
1000
1
0
0.1
1
10
10000
10
0.1
0.1
1
10
10
TJ = 25°C
TJ = – 20°C
VCE = 1 V
TJ = 125°C
TJ = 25°C
TJ = – 20°C
VCE = 5 V
IC/IB = 10
IC/IB = 5
1.1
0.9
0.6
0.5
0.5
1.5
1.2
TJ = 25°C
IC = 1 A
3 A
5 A
6 A
TJ = 25°C
TJ = 125°C
TJ = 25°C
TJ = 125°C
IC/IB = 5
IC/IB = 10
2 A
100
0.7
Cib
Cob
TYPICAL STATIC CHARACTERISTICS
TJ = 25°C
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com