Electronic Components Datasheet Search
  English  ▼

X  

1SS388 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 1SS388
Description  SILICON EPITAXIAL SCHOTTKY BARRER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1SS388 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1SS388 Datasheet HTML 1Page - EIC discrete Semiconductors 1SS388 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( 1SS388 )
FIG.1 - POWER DISSIPATION VS.
FIG.2 - TOTAL CAPACITANCE VS.
AMBIENT TEMPERATURE
REVERSE VOLTAGE
0
25
50
75
100
125
0
4
8
12
16
20
24
28
32
36
AMBIENT TEMPERATURE, (
°C)
REVERSE VOLTAGE, (V)
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
10
20
30
40
50
FORWARD VOLTAGE, (V)
REVERSE VOLTAGE, (V)
Page 2 of 2
Rev. 00 : May 7, 2007
120
90
60
30
150
0
100
1
10
10
Ta = 25 °C
1
0.1
100
1000
100
1
0.1
0.01
10
Ta = 25 °C
Ta = 100 °C
Certificate : TH97/10561QM
Certificate : TW00/17276EM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com