Electronic Components Datasheet Search
  English  ▼

X  

1SS388 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1SS388
Description  SILICON EPITAXIAL SCHOTTKY BARRER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1SS388 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1SS388 Datasheet HTML 1Page - EIC discrete Semiconductors 1SS388 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS388
SILICON EPITAXIAL
SCHOTTKY BARRER DIODE
FEATURES :
* Small package
* Low forward voltage
* Low revese current
* Pb / RoHS Free
MECHANICAL DATA :
* Lesd Finish : 100% Matte Sn (Tin)
* Mounting Position : Any
* Qualified Max Reflow Temperature : 260 °C
Absolute Maximum Ratings (Ta = 25 °C)
Symbol
Value
Unit
VRM
45
V
VR
40
V
Maximum Average Forward Current
IF
100
mA
Maximum Peak Forward Current
IFM
300
mA
Maximum Surge Current (10 ms)
IFSM
1.0
A
Power Dissipation
Ptot
150
mW
Junction Temperature
TJ
125
°C
Storage Temperature Range
TSTG
-55 to + 125
°C
Electrical Characteristics (Ta = 25 °C)
Parameter
Symbol
Max.
Unit
Forward Voltage
VF
IF = 50 mA
0.6
V
Reverse Current
IR
VR = 10 V
5
μA
Total Capacitance
CT
25
pF
Page 1 of 2
Rev. 00 : May 7, 2007
f = 1MHz
Parameter
Maximum Peak Reverse Voltage
Maximum Reverse Voltage
Test Condition
1.65
1.55
1.25
1.15
Dimensions in millimeters
SOD-523
Certificate : TH97/10561QM
Certificate : TW00/17276EM


Similar Part No. - 1SS388

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS388 TOSHIBA-1SS388 Datasheet
123Kb / 2P
DIODE (HGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS388 TOSHIBA-1SS388 Datasheet
217Kb / 3P
High Speed Switching Application
01-Nov-2007
logo
Galaxy Semi-Conductor H...
1SS388 BILIN-1SS388 Datasheet
249Kb / 3P
High Speed Switching Diode
Rev.A
logo
Guangdong Kexin Industr...
1SS388 KEXIN-1SS388 Datasheet
32Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
SEMTECH ELECTRONICS LTD...
1SS388 SEMTECH_ELEC-1SS388 Datasheet
217Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
More results

Similar Description - 1SS388

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1SS404WS SEMTECH_ELEC-1SS404WS Datasheet
172Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS321 SEMTECH_ELEC-1SS321 Datasheet
130Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS373WT SEMTECH_ELEC-1SS373WT Datasheet
130Kb / 1P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
CBS10S30 TOSHIBA-CBS10S30 Datasheet
140Kb / 6P
Schottky Barrier Diode Silicon Epitaxial
logo
Zibo Seno Electronic En...
1SS388 ZSELEC-1SS388 Datasheet
204Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
CTS05S40 TOSHIBA-CTS05S40 Datasheet
159Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS15F60 TOSHIBA-CUHS15F60 Datasheet
249Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS15S60 TOSHIBA-CUHS15S60 Datasheet
249Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS20F30 TOSHIBA-CUHS20F30 Datasheet
253Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS20S30 TOSHIBA-CUHS20S30 Datasheet
252Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com