Electronic Components Datasheet Search
  English  ▼

X  

PL1000 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # PL1000
Description  PowerLINE 1000, 1010 and 1200 Adapters
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL1000 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button PL1000 Datasheet HTML 23Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 24Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 25Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 26Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 27Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 28Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 29Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 30Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Try these troubleshooting tips:
•
Make sure that the PowerLINE devices are plugged into wall outlets with power and
that they use the same network encryption key.
•
Move the PowerLINE device to an outlet that is closer to the computer or devices.
•
If you set a private encryption key, make sure that all PowerLINE devices are using
the same encryption key.
•
If the problem occurred after you set the encryption key, reset each device to its
factory default settings. Then try setting the encryption key again.
•
If the LED is amber or red, move the PowerLINE device to another electrical outlet
with a faster connection.
Ethernet LED Is Off
If the Ethernet LED is off, the Ethernet port on the adapter is not linked. You can try
various troubleshooting tips.
Try these steps:
1. If your PowerLINE device is connected to the LAN port of your router, make sure of
the following:
•
Your router and modem are turned on.
•
The computer connected directly to the router can access the Internet.
2. If your PowerLINE device is connected to a computer, game console, Blu-ray player,
or other peripheral device, make sure of the following:
•
The peripheral device is turned on.
•
The PowerLINE device is securely connected to the peripheral device using an
Ethernet cable.
3. Press the button on each PowerLINE device for two seconds to return the device to
its factory default settings.
User Manual
27
Troubleshooting
PowerLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com