Electronic Components Datasheet Search
  English  ▼

X  

PL1000 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # PL1000
Description  PowerLINE 1000, 1010 and 1200 Adapters
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL1000 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button PL1000 Datasheet HTML 28Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 29Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 30Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 31Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 32Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 33Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 34Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 35Page - List of Unclassifed Manufacturers PL1000 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
PowerLINE PLW1000 and PLW1010
Technical Specifications
The PLW1000 and PLW1010 adapters meet the technical specifications defined in the
following table.
Table 6. Technical specifications
Specification
Feature
IEEE 802.3 (10BASE-T), IEEE 802.3u
(100BASE-T), IEEE 802.3ab
(1000BASE-T)
Data and routing protocols
100–240V, 0.2A (max.)
AC input
AU: 10A, 250V; EU: 16A, 250V; NA:
15A, 125V; UK: 13A, 250V
Socket-outlet rating (max. load)
Normal: < 7W
Power consumption
121 x 87 x 38 mm (4.75 x 3.44 x 1.5
in.)
Dimensions
266 g (0.59 lb)
Weight
0° to 40°C (32º to 104ºF)
Operating temperature
10–90% maximum relative humidity,
noncondensing
Operating humidity
5–95% maximum relative humidity,
noncondensing
Storage humidity
128-bit AES
Security encryption type
8 (active), 8 (total): number of nodes
that can be added to a single network
MAC addresses
1000 Mbps
Bandwidth
200 Mbps @ 2.4GHz using 256-QAM;
433 Mbps @ 5GHz using 256-QAM
Data transfer rate
2–86 MHz
Frequency band
OFDM windowed modulation
Modulation type
User Manual
32
Technical Specifications and
Safety Information
PowerLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com