Electronic Components Datasheet Search
  English  ▼

X  

7872RPFS Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 7872RPFS
Description  14-Bit A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7872RPFS Datasheet(HTML) 5 Page - Maxwell Technologies

  7872RPFS Datasheet HTML 1Page - Maxwell Technologies 7872RPFS Datasheet HTML 2Page - Maxwell Technologies 7872RPFS Datasheet HTML 3Page - Maxwell Technologies 7872RPFS Datasheet HTML 4Page - Maxwell Technologies 7872RPFS Datasheet HTML 5Page - Maxwell Technologies 7872RPFS Datasheet HTML 6Page - Maxwell Technologies 7872RPFS Datasheet HTML 7Page - Maxwell Technologies 7872RPFS Datasheet HTML 8Page - Maxwell Technologies 7872RPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
14-Bit A/D Converter
7872
5.21.02 Rev 4
TABLE 10. 7872 DC ELECTRICAL CHARACTERISTICS FOR POWER REQUIREMENTS
(V
DD = 5V ± 5%, VSS = -5 V ± 5%, TA = -55 TO 125 ° C UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
CONDITIONS
REQUIREMENTS
UNITS
Positive Supply Voltage
V
DD
5% for Specified Performance
5
V
Negative Supply Voltage
V
SS
5% for Specified Performance
-5
V
Positive Supply Current
I
DD
Typically 6mA
13
mA max
Negative Supply Current
I
SS
Typically 4mA
6
mA max
Power Dissipation
P
D
Typically 50mW
95
mW max
TABLE 11. 7872 TIMING CHARACTERISTICS 1,2
(V
DD = 5V ± 5%, VSS = -5 V ± 5%, TA = -55 TO 125 ° C UNLESS OTHERWISE SPECIFIED)
1. All input signals are specified with tr = tr = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2. Serial timing is measured with a 4.7 k
Ω pull-up resistor on SDATA and SSTRB and a 2 kΩ pull-up resistor on SCLK. The
capacitance on all three outputs is 35 pF.
PARAMETER/CONDITION
SYMBOL
SUBGROUPS
MIN
MAX
UNITS
CONVST Pulse Width
t
1
9, 10, 11
50
--
ns
SSTRB to SCLK Falling Edge Setup Time
t
10
9, 10, 11
100
--
ns
SCLK Cycle Time 3
3. SCLK mark/space ration (measured from a voltage level of 1.6 V) is 40/60 to 60/40.
t
11
9, 10, 11
440
--
ns
SCLK to Valid Data Delay: C
L = 35 pF
4
4. SDATA will drive higher capacitive loads, but this will add to t
12 since it increases the external RC time constant (4.7kΩ/CL) and
hence, the time to reach 2.4 V.
t
12
9, 10, 11
--
155
ns
SCLD Rising Edge to SSTRB
t
13
9, 10, 11
20
150
ns
Bus Relinquish Time After SCLK
t
14
9, 10, 11
4
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com