Electronic Components Datasheet Search
  English  ▼

X  

7872RPFS Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 7872RPFS
Description  14-Bit A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7872RPFS Datasheet(HTML) 1 Page - Maxwell Technologies

  7872RPFS Datasheet HTML 1Page - Maxwell Technologies 7872RPFS Datasheet HTML 2Page - Maxwell Technologies 7872RPFS Datasheet HTML 3Page - Maxwell Technologies 7872RPFS Datasheet HTML 4Page - Maxwell Technologies 7872RPFS Datasheet HTML 5Page - Maxwell Technologies 7872RPFS Datasheet HTML 6Page - Maxwell Technologies 7872RPFS Datasheet HTML 7Page - Maxwell Technologies 7872RPFS Datasheet HTML 8Page - Maxwell Technologies 7872RPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
14-Bit A/D Converter
7872
©2001 Maxwell Technologies
All rights reserved.
5.21.02 Rev 4
FEATURES:
• 14-bit resolution and accuracy
• Total dose hardness:
- > 100 krad (Si), depending upon space mission
• Single event effects:
- SEL > 104 MeV/mg/cm2
- SEU
TH = 1.4 MeV/mg/cm
2
- SEU
Sat = 1E-3 cm
2/Device
• Package:
- 16 pin RAD-PAK® flat package
- 16 pin RAD-PAK® dual-in-line package
• Fast Conversion Times: 10 µ s
• Low 50 mW typical power consumption
• High speed LC2MOS technology
- Analog input range of ±3V
- 83 KSPS throughput rate
- Operates with +5V/-5V power supplies
- 80 dB SNR at 10 kHz input frequency
- 2 s complement coding
- Serial output
DESCRIPTION:
Maxwell Technologies’ 7872 high-speed 14-bit ADC microcir-
cuit features a greater than 100 krad (Si) total dose tolerance;
depending upon orbit. The 7872 consists of a track/hold ampli-
fier, successive-approximation ADC, 3V buried Zener refer-
ence and versatile interface logic. It features a self-contained,
laser- trimmed internal clock, so no external clock timing com-
ponents are required. For minimum noise possible, the on-
chip clock may be overridden to synchronize the device oper-
ation to the digital system. The 7872 is a serial output device.
It is capable of interfacing to all modern microprocessors and
digital signal processors. The 7872 operates from ±5V power
supplies, accepts bipolar input signals of ±3V and is able to
convert full power signals up to 41.5 kHz. It is also fully speci-
fied for dynamic performance parameters including distortion
and signal-to-noise ratio.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
3V
REFERENCE
CLOCK
CONTROL
LOGIC
14-BIT DAC
SERIAL
INTERFACE
12
11
13
14
9
16
3
1
2
4
5
6
SAR + COUNTER
8
15
R
R
TRACK/HOLD
COMP
AGND
C
REF
REF OUT
V
IN
V
DD
V
DD
CLK
CONTROL
CONVST
SSTRB
SCLK
SDATA
DGND
V
SS
Logic Diagram


Similar Part No. - 7872RPFS

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
78720 WIXROYD-78720 Datasheet
246Kb / 1P
Pull Handles
78720.W0200-1 WIXROYD-78720.W0200-1 Datasheet
246Kb / 1P
Pull Handles
78720.W0200-4 WIXROYD-78720.W0200-4 Datasheet
246Kb / 1P
Pull Handles
78720.W0250-1 WIXROYD-78720.W0250-1 Datasheet
246Kb / 1P
Pull Handles
78720.W0250-4 WIXROYD-78720.W0250-4 Datasheet
246Kb / 1P
Pull Handles
More results

Similar Description - 7872RPFS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5958 NSC-CLC5958 Datasheet
1Mb / 13P
14-bit, 52MSPS A/D Converter
DAC14135 NSC-DAC14135 Datasheet
842Kb / 12P
14-bit, 135MSPS D/A Converter
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
14-Bit, 5 MSPS A/D Converter
1999 01
logo
STMicroelectronics
TSA1401 STMICROELECTRONICS-TSA1401 Datasheet
523Kb / 19P
14-BIT, 20MSPS, 85mW A/D CONVERTER
08-Oct-2002
logo
Analog Devices
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
AD6645 AD-AD6645 Datasheet
2Mb / 20P
14-Bit, 80 MSPS A/D Converter
REV.0
logo
Intersil Corporation
HI5905 INTERSIL-HI5905_03 Datasheet
581Kb / 11P
14-Bit, 5MSPS A/D Converter
March 2003
logo
Analog Devices
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
REV. 0
logo
Linear Technology
LTC1414 LINER-LTC1414_15 Datasheet
294Kb / 20P
14-Bit, 2.2Msps, Sampling A/D Converter
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
14-Bit, 5MSPS A/D Converter
March 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com