Electronic Components Datasheet Search
  English  ▼

X  

97A8 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # 97A8
Description  Sensitive Gate Triacs Sillicon Bidirectional Thyristors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

97A8 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  97A8 Datasheet HTML 1Page - Lite-On Technology Corporation 97A8 Datasheet HTML 2Page - Lite-On Technology Corporation 97A8 Datasheet HTML 3Page - Lite-On Technology Corporation 97A8 Datasheet HTML 4Page - Lite-On Technology Corporation 97A8 Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1.00E-1
1.00E+0
1.00E+1
1.00E+2
1.00E+3
1.00E+4
t, TIME (ms)
0.01
0.1
1
Figure 5. Transient Thermal Response
RATING AND CHARACTERISTIC CURVES
97A8
-50
-25
0
25
50
75
100
125
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Tj, JUNCTION TEMPERATURE (
)
℃
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Figure 8. Typical Gate Trigger Voltage Versus
Junction Temperature
Q1
Q4
Q2
Q3
-50
-25
0
25
50
75
100
125
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Tj, JUNCTION TEMPERATURE (
)
℃
0.1
1.0
10.0
100.0
Figure 7. Typical Gate Trigger Current Versus
Junction Temperature
Q1
Q4
Q2
Q3
-50
-25
0
25
50
75
100
125
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Tj, JUNCTION TEMPERATURE (
)
℃
0.1
1
10
Figure 10. Typical Holding Current Versus
Junction Temperature
MT2 Positive
-50
-25
0
25
50
75
100
125
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Tj, JUNCTION TEMPERATURE (
)
℃
0.1
1
10
100
Figure 9. Typical Latching Current Versus
Junction Temperature
Q1
Q4
Q2
Q3
MT2 Negative
1
10
100
NUMBER OF CYCLES
0
4
8
12
16
Figure 6. Maximum Allowable Surge Current
CYCLE
TJ=25℃
f= 60MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com