Electronic Components Datasheet Search
  English  ▼

X  

97A8 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # 97A8
Description  Sensitive Gate Triacs Sillicon Bidirectional Thyristors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

97A8 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  97A8 Datasheet HTML 1Page - Lite-On Technology Corporation 97A8 Datasheet HTML 2Page - Lite-On Technology Corporation 97A8 Datasheet HTML 3Page - Lite-On Technology Corporation 97A8 Datasheet HTML 4Page - Lite-On Technology Corporation 97A8 Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
97A8
MAXIMUM RATINGS (Tj= 25
unless otherwise noticed)
℃
FEATURES
One-Piece, Injection-Molded Package
Blocking Voltage to 600 Volts
Sensitive Gate Triggering in Four Trigger Modes
(Quadrants) for all possible Combinations of Trigger
Sources, and especially for Circuits that Source Gate
Drives
All Diffused and Glassivated Junctions for Maximum
Uniformity of Parameters and Reliability
Improved Noise Immunity (dv/dt Minimum of 20 V/msec
at 110 )
℃
Pb-Free Package
Sensitive Gate Triacs
Sillicon Bidirectional Thyristors
TRIACs
0.8AMPERES RMS
600 VOLTS
Rating
Symbol
Value
Unit
Peak Repetitive Off– State Voltage (
TJ= -40 to 125℃, Sine Wave, 50 to 60 Hz; Gate Open)
VDRM,
VRRM
600
Volts
On-State RMS Current
Full Cycle Sine Wave 50 to 60 Hz (
TC = 50℃)
IT(RMS)
0.8
Amp
Peak Non-Repetitive Surge Current
Full Cycle Sine Wave 60 Hz (Tj =25℃)
ITSM
9.0
Amps
Circuit Fusing Consideration (t = 8.3 ms)
I t
0.34
A s
Peak Gate Power ( t
2.0us ,Tc = 80
≦
℃
)
PGM
5.0
Watt
Average Gate Power (
Tc = 80
, t
8.3 ms )
℃
≦
PG(AV)
0.1
Watt
Peak Gate Current ( t
2.0us ,Tc = 80
≦
℃
)
IGM
1.0
Amp
Peak Gate Voltage ( t
2.0us ,Tc = 80
≦
℃
)
VGM
5.0
Volts
Operating Junction Temperature Range
TJ
-40 to +110
℃
Storage Temperature Range
Tstg
-40 to +150
℃
2
2
REV. 2, Oct-2010, KTXD23
Notice: (1) VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
TO-92 (TO-226AA)
All Dimensions in millimeter
TO-92
DIM.
MIN.
MAX.
A
C
D
E
F
G
B
4.45
4.70
5.33
4.32
3.18
4.19
1.39
1.15
2.42
2.66
12.7
------
2.04
2.66
3.43
I
-----
SEMICONDUCTOR
LITE-ON
1
Main Terminal 1
2
Gate
3
Main Terminal 2
PIN A SSIGNMENT
This datasheet has been downloaded from http://www.digchip.com at this page


Similar Part No. - 97A8

ManufacturerPart #DatasheetDescription
logo
ETRI
97AC0161C13 ETRI-97AC0161C13 Datasheet
196Kb / 1P
AC High Performance Fans
97AC016DC13 ETRI-97AC016DC13 Datasheet
180Kb / 1P
AC High Performance Fans
More results

Similar Description - 97A8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC97 ONSEMI-MAC97 Datasheet
84Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
logo
Lite-On Technology Corp...
T1M5F-A LITEON-T1M5F-A Datasheet
754Kb / 4P
Sensitive Gate Triacs Sillicon Bidirectional Thyristors
REV. 2, Jun-2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com