Electronic Components Datasheet Search
  English  ▼

X  

USB3280-AEZG Datasheet(PDF) 36 Page - Microchip Technology

Part # USB3280-AEZG
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280-AEZG Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB3280-AEZG Datasheet HTML 32Page - Microchip Technology USB3280-AEZG Datasheet HTML 33Page - Microchip Technology USB3280-AEZG Datasheet HTML 34Page - Microchip Technology USB3280-AEZG Datasheet HTML 35Page - Microchip Technology USB3280-AEZG Datasheet HTML 36Page - Microchip Technology USB3280-AEZG Datasheet HTML 37Page - Microchip Technology USB3280-AEZG Datasheet HTML 38Page - Microchip Technology USB3280-AEZG Datasheet HTML 39Page - Microchip Technology USB3280-AEZG Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
USB3280
DS00001898A-page 36
 2004 - 2015 Microchip Technology Inc.
8.14
Application Diagram
FIGURE 8-9:
USB3280 APPLICATION DIAGRAM
UTMI
USB
POWER
TXVALID
TXREADY
RXACTIVE
RXVALID
RXERROR
XCVRSELECT
TERMSELECT
SUSPENDN
RESET
OPMODE 0
OPMODE 1
LINESTATE 0
LINESTATE 1
CLKOUT
DATA 0
DATA 1
DATA 2
DATA 3
DATA 4
DATA 5
DATA 6
DATA 7
XI
XO
DP
DM
VDDA1.8
VDD1.8
VDD1.8
VDD3.3
VDD3.3
REG_EN
VDD3.3
VDD3.3
VDD3.3
VSS
USB-B
GND
VDD3.3
1ΜΩ
24 MHz
Crystal
C LOAD
C LOAD
26
25
24
23
22
21
20
19
32
31
33
17
30
7
34
35
10
18
29
1
2
4
6
13
12
16
15
14
8
9
RBIAS
36
12K
Ω
5
3
11
27
28
Exposed
Pad
4.7uF Ceramic
4.7uF Ceramic
4.7uF Ceramic
0.1uF and/or 0.01uF
ceramic capacitors are also
required on power supply
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com