Electronic Components Datasheet Search
  English  ▼

X  

USB3280-AEZG Datasheet(PDF) 16 Page - Microchip Technology

Part # USB3280-AEZG
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280-AEZG Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB3280-AEZG Datasheet HTML 12Page - Microchip Technology USB3280-AEZG Datasheet HTML 13Page - Microchip Technology USB3280-AEZG Datasheet HTML 14Page - Microchip Technology USB3280-AEZG Datasheet HTML 15Page - Microchip Technology USB3280-AEZG Datasheet HTML 16Page - Microchip Technology USB3280-AEZG Datasheet HTML 17Page - Microchip Technology USB3280-AEZG Datasheet HTML 18Page - Microchip Technology USB3280-AEZG Datasheet HTML 19Page - Microchip Technology USB3280-AEZG Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
USB3280
DS00001898A-page 16
 2004 - 2015 Microchip Technology Inc.
The eye pattern in Figure 6-5 defines the receiver sensitivity requirements for a hub (signal applied at test point TP2 of
Figure 6-3) or a device without a captive cable (signal applied at test point TP3 of Figure 6-3). The corresponding signal
levels and timings are given in the table below. Timings are given as a percentage of the unit interval (UI), which rep-
resents the nominal bit duration for a 480 Mbit/s transmission rate.
Voltage Level (D+, D-)
Time (% of Unit Interval)
Level 1
525mV in UI following a transition,
475mV in all others
N/A
Level 2
-525mV in UI following a transition,
-475mV in all others
N/A
Point 1
0V
7.5% UI
Point 2
0V
92.5% UI
Point 3
300mV
37.5% UI
Point 4
300mV
62.5% UI
Point 5
-300mV
37.5% UI
Point 6
-300mV
62.5% UI
FIGURE 6-5:
EYE PATTERN FOR RECEIVE WAVEFORM AND EYE PATTERN DEFINITION
Voltage Level (D+, D-)
Time (% of Unit Interval)
Level 1
575mV
N/A
Level 2
-575mV
N/A
Point 1
0V
15% UI
Point 2
0V
85% UI
Point 3
150mV
35% UI
Point 4
150mV
65% UI
Point 5
-150mV
35% UI
Point 6
-150mV
65% UI
Point 1
0%
100%
Point 2
Level 2
Level 1
Point 3
Point 4
Point 5
Point 6
Differential
-400mV
Differential
400mV
Differential
0 Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com