Electronic Components Datasheet Search
  English  ▼

X  

OP490 Datasheet(PDF) 1 Page - Maxwell Technologies

Part # OP490
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP490 Datasheet(HTML) 1 Page - Maxwell Technologies

  OP490 Datasheet HTML 1Page - Maxwell Technologies OP490 Datasheet HTML 2Page - Maxwell Technologies OP490 Datasheet HTML 3Page - Maxwell Technologies OP490 Datasheet HTML 4Page - Maxwell Technologies OP490 Datasheet HTML 5Page - Maxwell Technologies OP490 Datasheet HTML 6Page - Maxwell Technologies OP490 Datasheet HTML 7Page - Maxwell Technologies OP490 Datasheet HTML 8Page - Maxwell Technologies OP490 Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
Low Voltage Micropower Quad
©2001 Maxwell Technologies
All rights reserved.
OP490
Operational Amplifier
12.19.01 Rev2
1000560
FEATURES:
•RAD-PAK® technology-hardened against natural space radi-
ation
• Package:
- 16 pin Rad-Pak® flat package
• Low input offset voltage: 5 µV max
• Low offset voltage drift
- 5 µV/°C max (over -55 to +125°C)
• Low supply current (per amplifier) 20 µA max
• High open-loop gain 700 V/me min.
• Outstanding PSRR: 5.6 µV/V min.
DESCRIPTION:
Maxwell Technologies’ OP490 micropower quad operational
amplifier microcircuit features Maxwell’s radiation-hardened
RAD-PAK® packaging technology, the OP490 has an extremely
low input offset voltage no less than 0.5 mV with a drift of
under 5 µV/°C, guaranteed over the full military temperature
range. The OP490 features low power consumption, drawing
less than 20 µA per amplifier.
Maxwell Technologies' patented RAD-PAK packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. This product is available with screening up to Class
S.
Logic Diagram


Similar Part No. - OP490

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP490 AD-OP490 Datasheet
1Mb / 16P
Low Voltage Micropower Quad Operational Amplifier
4/02-REV.C
OP490 AD-OP490 Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
OP490E AD-OP490E Datasheet
1Mb / 16P
Low Voltage Micropower Quad Operational Amplifier
4/02-REV.C
OP490EY AD-OP490EY Datasheet
1Mb / 16P
Low Voltage Micropower Quad Operational Amplifier
4/02-REV.C
OP490F AD-OP490F Datasheet
1Mb / 16P
Low Voltage Micropower Quad Operational Amplifier
4/02-REV.C
More results

Similar Description - OP490

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
OP490 AD-OP490 Datasheet
1Mb / 16P
Low Voltage Micropower Quad Operational Amplifier
4/02-REV.C
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP490GPZ AD-OP490GPZ Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
OP420CY AD-OP420CY Datasheet
111Kb / 8P
Quad Micropower Operational Amplifier
REV. A
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP490 AD-OP490_15 Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com