Electronic Components Datasheet Search
  English  ▼

X  

OP490 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # OP490
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP490 Datasheet(HTML) 3 Page - Maxwell Technologies

  OP490 Datasheet HTML 1Page - Maxwell Technologies OP490 Datasheet HTML 2Page - Maxwell Technologies OP490 Datasheet HTML 3Page - Maxwell Technologies OP490 Datasheet HTML 4Page - Maxwell Technologies OP490 Datasheet HTML 5Page - Maxwell Technologies OP490 Datasheet HTML 6Page - Maxwell Technologies OP490 Datasheet HTML 7Page - Maxwell Technologies OP490 Datasheet HTML 8Page - Maxwell Technologies OP490 Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
OP490
3
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
Low Voltage Micropower Quad Operational Amplifier
12.19.01 Rev2
1000560
Large Signal Voltage Gain
A
VO
V
S = ±15V, VO = ±10V
V/mV
R
L = 100 kΩ
+25°C
700
1200
--
-55 to 125°C
225
400
--
R
L = 10 kΩ
+25°C
350
600
--
-55 to 125°C
125
240
--
R
L = 2 kΩ
+25°C
125
250
--
-55 to 125°C
50
110
--
V+ = 5V, V- = 0V, 1V<VO<4V
R
L = 100 kΩ
+25°C
--
400
--
-55 to 125°C
--
200
--
R
L = 10 kΩ
+25°C
--
180
--
-55 to 125°C
--
110
--
Input Voltage Range 1
IVR
V+ = 5V, V- = 0V
V
S = ±15V
0/4
-15/13.5
--
--
--
--
V
Output Voltage Swing
V
O
VS = ±15V
V
RL = 10 k
Ω
+25°C
±13.5
±14.2
--
-55 to 125°C
±13
±14
--
RL = 2 k
Ω
+25°C
±10.5
±11.5
--
-55 to 125°C
±10
±11
--
V
OH
V+ = 12V, V- = 0V
RL = 2 k
Ω
+25°C
--
4.2
--
-55 to 125°C
--
4.1
--
V
OL
V+ = 5V, V- = 0V
RL = 10 k
Ω
--
100
--
µV
Common Mode Rejection
CMR
V+ = 5V, V = 0V,
0V < V
CM < 4
+25°C
--
110
---
dB
V+ = 5V, V = 0V,
0V < V
CM < 3.5
-55 to 125°C
--
108
--
VS = ±15V,
-15V < V
CM < 13.5V
+25°C
100
130
--
-55 to 125°C
95
115
--
Power Supply Rejection Ratio
PSRR
+25°C
---
1.0
5.6
µV/V
-55 to 125°C
--
3.2
10
Slew Rate
SR
VS = ±15V
+25°C
--
12
---
V/ms
Supply Current (All Amplifiers)
I
SY
VS = ±1.5V, No Load
+25°C
--
40
60
µA
-55 to 125°C
--
70
100
VS = ±15V, No Load
+25°C
--
60
80
-55 to 125°C
--
90
120
Capacitive Load Stability
AV = +1
+25°C
---
650
---
pF
TABLE 4. OP490 DC ELECTRICAL CHARACTERISTICS
(VS = ±15V, T
A = -55 TO 125°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com