Electronic Components Datasheet Search
  English  ▼

X  

ARTIK710 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # ARTIK710
Description  ARTIK 710 Module Block Diagram and Component Placement
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

ARTIK710 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button ARTIK710 Datasheet HTML 9Page - Samsung semiconductor ARTIK710 Datasheet HTML 10Page - Samsung semiconductor ARTIK710 Datasheet HTML 11Page - Samsung semiconductor ARTIK710 Datasheet HTML 12Page - Samsung semiconductor ARTIK710 Datasheet HTML 13Page - Samsung semiconductor ARTIK710 Datasheet HTML 14Page - Samsung semiconductor ARTIK710 Datasheet HTML 15Page - Samsung semiconductor ARTIK710 Datasheet HTML 16Page - Samsung semiconductor ARTIK710 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
13
The ARTIK 710 Module provides 1x SD/MMC interface. The Mobile Storage Host is an interface between the system and
SD/MMC card. The key features of mobile storage host sub-system are:
Support for Secure Digital I/O (SDIO – version 3.0)
Support for Secure Digital Memory (SDMEM – version 3.0)
Consumer Electronics Advanced Transport Architecture (CE-ATA-version 1.1)
Support for Embedded Multimedia Cards (MMC – version 4.41)
Support for Embedded Multimedia Cards (eMMC – version 4.5)
Support 8-bit DDR mode up to 50MHz
Supports PIO and DMA mode data transfer
Supports ¼- bit data bus width
The most important features of the Memory module are:
System Memory Controller
Support for 1GB DDR3 SDRAM
Maximum operating frequency of 800MHz
32-bit data bus
Static Memory Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com