Electronic Components Datasheet Search
  English  ▼

X  

ARTIK710 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # ARTIK710
Description  ARTIK 710 Module Block Diagram and Component Placement
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

ARTIK710 Datasheet(HTML) 2 Page - Samsung semiconductor

  ARTIK710 Datasheet HTML 1Page - Samsung semiconductor ARTIK710 Datasheet HTML 2Page - Samsung semiconductor ARTIK710 Datasheet HTML 3Page - Samsung semiconductor ARTIK710 Datasheet HTML 4Page - Samsung semiconductor ARTIK710 Datasheet HTML 5Page - Samsung semiconductor ARTIK710 Datasheet HTML 6Page - Samsung semiconductor ARTIK710 Datasheet HTML 7Page - Samsung semiconductor ARTIK710 Datasheet HTML 8Page - Samsung semiconductor ARTIK710 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
2
Samsung’s ARTIKTM 710 Module is a highly-integrated System-
in-Module that utilizes an octa-core ARM® Cortex®-A53
processor packaged DRAM and Flash memory, a hardware
Secure Element and a wide range of wireless communication
options
such
as
802.11a/b/g/n/ac,
Bluetooth®
4.1
(Classic+BLE),
and
802.15.4
(ZigBee®
or
Thread)
communications all into an extremely compact footprint. The
many standard digital control interfaces support external
sensors and higher performance peripherals to expand the
module’s capabilities.
With the combination of Wi-Fi,
Bluetooth, ZigBee/Thread, the ARTIK 710 Module is the perfect
choice for home automation and home hub devices, while also
supporting a rich UI/UX capability with the camera and display
support options. The hardware based Secure Element works
with the ARM® TrustZone® and Trustware’s Trusted Execution
Environment (TEE) to provide enhanced end-to-end security.
Processor
CPU
8x ARM® Cortex®-A53@1.4GHz
GPU
3D graphics accelerator
Media
Camera I/F
4-Lane MIPI CSI
Display
4-Lane MIPI DSI up to
FHD@24bpp
Audio
I2S audio interface
Memory
DRAM
1GB DDR3 @ 800MHz
FLASH
4GB eMMC
Security
Secure Element
Secure point to point
authentication and data
transfer
Trusted Execution
Environment
Trustware
Radio
WLAN
IEEE 802.11a/b/g/n/ac
Bluetooth
4.1 (Classic+BLE)
802.15.4
ZigBee/Thread
Power Management
PMIC
Provides all power of the ARTIK
710 Module using on board
bucks and LDOs
Interfaces
Analog and Digital I/O
GPIO, I2C, SPI, UART, SDIO, USB
2.0, JTAG, Analog Input
SAMSUNG ELECTRONICS RESERVES THE RIGHT TO CHANGE PRODUCTS, INFORMATION AND SPECIFICATIONS WITHOUT NOTICE.
Products and specifications discussed herein are for reference purposes only. All information discussed herein is provided on an "AS IS"
basis, without warranties of any kind. This document and all information discussed herein remain the sole and exclusive property of
Samsung Electronics. No license of any patent, copyright, mask work, trademark or any other intellectual property right is granted by one
party to the other party under this document, by implication, estoppel or other-wise. Samsung products are not intended for use in life
support, critical care, medical, safety equipment, or similar applications where product failure could result in loss of life or personal or
physical harm, or any military or defense application, or any governmental procurement to which special terms or provisions may apply.
For updates or additional information about Samsung products, contact your nearest Samsung office. All brand names, trademarks and
registered trademarks belong to their respective owners.
ARTIK 710 MODULE
RADIO
MEDIA
SECURITY
PROCESSOR
POWER MGT.
MEMORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com