Electronic Components Datasheet Search
  English  ▼

X  

DS60001484 Datasheet(PDF) 20 Page - Microchip Technology

Part # DS60001484
Description  64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS60001484 Datasheet(HTML) 20 Page - Microchip Technology

Back Button DS60001484 Datasheet HTML 16Page - Microchip Technology DS60001484 Datasheet HTML 17Page - Microchip Technology DS60001484 Datasheet HTML 18Page - Microchip Technology DS60001484 Datasheet HTML 19Page - Microchip Technology DS60001484 Datasheet HTML 20Page - Microchip Technology DS60001484 Datasheet HTML 21Page - Microchip Technology DS60001484 Datasheet HTML 22Page - Microchip Technology DS60001484 Datasheet HTML 23Page - Microchip Technology DS60001484 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Figure 5-6. Ethernet PHY Schematic
VDDIN_3V3
VDDIN_3V3
VDDIN_3V3
ETH_TXP
ETH_TXM
ETH_RXP
ETH_RXM
GTXCK_PD09
GTX1_PD16
GTX0_PD15
GTXEN_PD10
GRX1_PD14
GRX0_PD13
GRXER_PD12
GRXDV_PD11
GMDC_PD17
GMDIO_PD18
ETH_INT_IRQ_PD31
nRST
ETH_LED0
100nF
2.2uF
0R
BLM18PG181SN1D
1
2
100nF
22pF
50V
100nF
10K
1K
U6
KSZ8081RNAIA
TXM
5
TXP
6
RXP
4
RXM
3
VDD_1V2
1
GND
22
PADDLE
25
REXT
9
XI
8
XO
7
REF_CLK
16
TXD1
21
TXD0
20
TXEN
19
RXD1
12
RXD0
13
RXER
17
CRS_DV/PHYAD[1_0]
15
MDC
11
MDIO
10
INTRP
18
VDDA_3V3
2
VDDIO
14
LED0/ANEN_SPEED
23
RST#
24
10uF
GND1
GND2
10K
6.49K
22pF
50V
10uF
1K
ETH_XO
ETH_XI
Y3
Table 5-2. KSZ8081RNAIA External Crystal
Item
Designation
Type
Manufacturer Manufacturer Specification Number
Y3
25MHz Crystal
NX2016SA NDK
EXS00A-CS10694
5.5
QSPI Memory
The SAMA5D27 SOM1 embeds the SST26VF064BT-104I/MF, a 64Mb Serial Quad I/O Flash memory.
The SST26VF064BT-104I/MF SQI features a six-wire, 4-bit I/O interface that allows for low-power, high-
performance operation in a low pin-count package.
The SST26VF064BT-104I/MF is available in 8-lead WDFN package with 6mm × 5mm dimensions.
For more information, refer to the product web page.
Figure 5-7. QSPI Memory Schematic
VDDIN_3V3
VDDIN_3V3
VDDIN_3V3
VDDIN_3V3
PB07/TIOB2/PWMH3/QSPI1_IO0
PB08/TCLK3/PWML3/QSPI1_IO1
PB09/TIOA3/PWMFI1/QSPI1_IO2
PB10/TIOB3/PWMEXTRG1/QSPI1_IO3
PB05/TCLK2/PWMH2/QSPI1_SCK
QSPI_SCK_PB05
QSPI_IO3_PB10
QSPI_IO2_PB09
QSPI_IO1_PB08
QSPI_IO0_PB07
PB06/TIOA2/PWML2/QSPI1_CS
DIS_BOOT
QSPI_CS_PB06
22R
22R
10K
DNP
10K
DNP
22R
NL17SZ126DFT2G
OE
1
IN
2
GND
3
OUT
4
VCC
5
22R
22R
10K
DNP
22R
10K
DNP
10K
22R
100nF
22R
10K
DNP
22R
10K
DNP
SST26VF064B-104I/MF
CE#
1
SO/SIO1
2
WP#/SIO2
3
VSS
4
SI/SIO0
5
SCK
6
HOLD/SIO3
7
VDD
8
TPAD
9
22R
100nF
22R
10K
22R
QSPI_CS#
SAMA5D27 SOM1
© 2017 Microchip Technology Inc.
Datasheet
DS60001521A-page 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com