Electronic Components Datasheet Search
  English  ▼

X  

DS60001484 Datasheet(PDF) 31 Page - Microchip Technology

Part # DS60001484
Description  64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS60001484 Datasheet(HTML) 31 Page - Microchip Technology

Back Button DS60001484 Datasheet HTML 27Page - Microchip Technology DS60001484 Datasheet HTML 28Page - Microchip Technology DS60001484 Datasheet HTML 29Page - Microchip Technology DS60001484 Datasheet HTML 30Page - Microchip Technology DS60001484 Datasheet HTML 31Page - Microchip Technology DS60001484 Datasheet HTML 32Page - Microchip Technology DS60001484 Datasheet HTML 33Page - Microchip Technology DS60001484 Datasheet HTML 34Page - Microchip Technology DS60001484 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
7.3
NVM Programming
The SAMA5D27 SOM1 is delivered with SAM-BA® In-System Programmer, a comprehensive tool to
program boot memories.
In case the boot code does not find a valid program in NVM, the SAM-BA monitor is launched in order to
program the considered NVM.
The SAM-BA monitor principle is to:
•
Initialize DBGU and USB.
•
Check if USB Device enumeration occurred.
•
Check if characters are received on the DBGU.
Once the communication interface is identified, the application runs in an infinite loop waiting for different
commands.
The firmware can be sent and programmed in the NVM.
For more information, refer to the following link. http://www.at91.com/linux4sam/bin/view/Linux4SAM/
Sama5d2XplainedMainPage#Using_SAM_BA_to_flash_components
7.4
Boot From External Memory
Several types of external memories such as NAND Flash, SDCard, SPI Flash, QSPI Flash, etc. can be
connected to the SAMA5D27 SOM1 and placed on the motherboard.
For details of the Boot sequence, refer to the "NVM Bootloader Program Description for MRL C Parts"
diagram of the SAMA5D2 datasheet, document no. DS60001476.
The table below provides the list of external memory types and interfaces that enable connection to the
SAMA5D27 SOM1:
Table 7-1. External Memory Connections
Memory Type Interface
PIO
Comments
SDCard
SD-MMC0
PA0 to PA13
If external SDMMC0 interface is not used, bit
SDMMC_0 in Boot Configuration Word must
be set to 1.
SD-MMC1
PA18 to PA22, PA27
to PA30
If external SDMMC1 Interface is not used, bit
SDMMC_1 in Boot Configuration Word must
be set to 1.
eMMC
SD-MMC0
PA0 to PA10, PA13
If external SDMMC0 Interface is not used, bit
SDMMC_0 in Boot Configuration Word must
be set to 1.
NAND Flash
NFC
PA0 to PA21, PC11 to
PC31, PD0 to PD8
Field NFC in Boot Configuration Word must
be set to "01". IOSET2 is selected. (See
Notes below)
QSPI Flash
QSPI0
PA0 to PA5
Field QSPI_0 in Boot Configuration Word
must be set to "00". IOSET1 is selected. (See
Notes below)
SAMA5D27 SOM1
© 2017 Microchip Technology Inc.
Datasheet
DS60001521A-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com