Electronic Components Datasheet Search
  English  ▼

X  

SAME70 Datasheet(PDF) 26 Page - Microchip Technology

Part # SAME70
Description  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAME70 Datasheet(HTML) 26 Page - Microchip Technology

Back Button SAME70 Datasheet HTML 22Page - Microchip Technology SAME70 Datasheet HTML 23Page - Microchip Technology SAME70 Datasheet HTML 24Page - Microchip Technology SAME70 Datasheet HTML 25Page - Microchip Technology SAME70 Datasheet HTML 26Page - Microchip Technology SAME70 Datasheet HTML 27Page - Microchip Technology SAME70 Datasheet HTML 28Page - Microchip Technology SAME70 Datasheet HTML 29Page - Microchip Technology SAME70 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
13.
Quad Serial Peripheral Interface (QSPI)
13.1
Module Hangs with Long DLYCS
The QSPI module hangs if a command is written to any QSPI register during the delay defined in the
DLYCS bit. There is no status bit to flag the end of the delay.
Workaround
The DLYCS bit defines a minimum period over which the Chip Select is deasserted, which is required by
some memories. This delay is generally less than 60 ns and comprises internal execution time,
arbitration, and latencies. Therefore, the DLYCS bit must be configured to be slightly higher than the
value specified for the slave device. The software must wait for at least this same period of time before a
command can be written to the QSPI module.
Affected Silicon Revisions
A
B
X
X
13.2
WDRBT
When the QSPI is configured in SPI mode, the Wait Data Read Before Transfer (WDRBT) feature does
not work.
Workaround
None.
Affected Silicon Revisions
A
B
X
X
SAM E70/S70/V70/V71 Family
Quad Serial Peripheral Interface (QSPI)
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com