| Electronic Components Datasheet Search |
|
SAME70 Datasheet(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAME70 Datasheet(HTML) 16 Page - Microchip Technology |
|
16 / 41 page ![]() 6. Extended DMA Controller (XDMAC) 6.1 TCM Accesses If TCM accesses are generated through the AHBS port of the core, only 32-bit accesses are supported. Accesses that are not 32-bit aligned may overwrite bytes at the beginning and at the end of 32-bit words. Workaround The user application must use 32-bit aligned buffers and buffers with a size of a multiple of 4 bytes when transferring data to or from the TCM through the AHBS port of the core. Affected Silicon Revisions A B X X 6.2 Byte and Half-Word Accesses If XDMAC is used to transfer 8-bit or 16-bit data in Fixed Source Address mode or Fixed Destination Address mode, source and destination addresses are incremented by 8-bit or 16-bit. Workaround The user can resolve this issue by setting the source and destination addressing mode to use microblock and data striding with microblock stride set to 0 and data stride set to -1. Affected Silicon Revisions A B X X 6.3 Request Overflow Error When a DMA memory-to-memory transfer is performed, if the hardware request line selected by the field PERID bit in the XDMAC_CCx register toggles when the copy is enabled, the ROIS bit in the XDMAC_CISx register is set incorrectly. The memory transfer proceeds normally and the data area is correctly transferred. Workaround Configure the PERID bit to an unused peripheral ID. Affected Silicon Revisions A B X X SAM E70/S70/V70/V71 Family Extended DMA Controller (XDMAC) © 2018 Microchip Technology Inc. Datasheet Errata DS80000767C-page 16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |