Electronic Components Datasheet Search
  English  ▼

X  

TL432C Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # TL432C
Description  Programmable Precision Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

TL432C Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  TL432C Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, TL432C Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, TL432C Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, TL432C Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TL432
Programmable Precision Reference
1 / 4
www.pingjingsemi.com
Revision:
2.0 Jan-2020
Features
Low dynamic output impedance.
Sink current capability of 1 to 100mA.
Low output noise voltage
Fast turn on response
Application
It provides very wide applications, including shunt
regulator,series regulator,switching regulator,voltage
reference and others.
Absolute Maximum Ratings (Ta=25℃unless otherwise specified)
Symbol
Parameter
Value
Units
VKA
Cathode Voltage
20
V
IKA
Cathode Current Range(Continuous)
-100 ~ +1
00
mA
IREF
Reference Input Current Range
10
mA
PD
Power Dissipation
350
mW
TJ
Operating Junction
Temperature
+1
50
°C
°C
TSTG
Storage Temperature
Range
°C
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Units
VKA
Cathode Voltage
VREF
18
V
IKA
Cathode Current
0.1
100
mA
SOT-23
2:Cathode (K)
3:Anode(A)
1:Reference (R)
Marking:
TL432: 432
TL432C: 432C
TOPR
Operating Ambient Temperature Range
-20
1
25
-65 ~ +150


Similar Part No. - TL432C

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL432C HTC-TL432C Datasheet
165Kb / 5P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Unisonic Technologies
TL432C UTC-TL432C Datasheet
103Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results

Similar Description - TL432C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431A UTC-TL431A Datasheet
158Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com