Electronic Components Datasheet Search
  English  ▼

X  

TL432C Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # TL432C
Description  Programmable Precision Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

TL432C Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  TL432C Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, TL432C Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, TL432C Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, TL432C Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 / 4
Typical Characteristic Curves
TL432
Programmable Precision Reference
-100
-1.5
-1.0
1.0
1.5
-50
0
50
100
V
KA=Vref
T
a=25
℃
Cathode Current versus
Cathode Voltage
-0.5
0.0
0.5
V
KA, CATHODE VOLTAGE
(V)
3
0
12
15
-20
-16
-12
-8
-4
0
I
K=10mA
T
a=25
℃
Change in Reference Input
Voltage versus Cathode Voltage
69
V
KA, CATHODE VOLTAGE
(V)
-40
-20
80
100
0
100
200
300
400
500
I
K=10mA
R
1=10KΩ
Reference Input Current versus
Ambient Temperature
0
20
40
60
T
a, AMBIENT TEMPERATURE
(℃)
-40
-20
80
100
0
5
10
15
20
25
30
35
40
V
KA=15V
V
ref=0V
Off-State Cathode Current
versus Ambient Temperature
0
2040
0
6
T
a, AMBIENT TEMPERATURE
(℃)
www.pingjingsemi.com
Revision:
2.0 Jan-2020



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com