Electronic Components Datasheet Search
  English  ▼

X  

RP9.2D2 Datasheet(PDF) 1 Page - Recom International Power

Part # RP9.2D2
Description  HIgh Voltage Output Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP9.2D2 Datasheet(HTML) 1 Page - Recom International Power

  RP9.2D2 Datasheet HTML 1Page - Recom International Power RP9.2D2 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
156
www.recom-international.com
25-August-2005
Input Voltage Range
See table above: Selection Guide
Input Filter
Pi Type
Voltage Accuracy
±2.0%
Ripple and Noise, 20 MHz BW
2% Vout
Line Regulation, Full Line
±0.2%
Load Regulation, FL-1/4FL
±0.20% (Single)
±2% (Dual)
Temperature Coefficient
±0.02%/°C
Short Circuit Protection
Continuous
Isolation Voltage
1600VDC, min.
Isolation Resistance
10
9 Ω
Operating Temperature Range
-25°C to +71°C
Storage Temperature Range
-40°C to +85°C
Cooling
Free-air Convection
Dimensions
See next page:Package Style and Pinning
Specifications (typical at nominal input and 25°C unless otherwise noted)
INNOLINE
DC/DC-Converter
High
Voltage
Output
Series
● For Telecom DSM, XDSL, Aplication
● Internal Pi Filter
● Multi-Outputs
● Overcurrent Protection
● High Efficiency to 86%
Features
Selection Guide
Part Number
Input
Output
Output
Efficiency
Dimension
Range
Voltage
Current
(VDC)
(VDC)
(mA)
(%)
RP3.6A2/x1
36-72
120
30
72
A2
RP6D2/x1
36-72
20
50
78
D2
RP9.2D2/x1
36-72
92
100
81
D2
RP15.4F2/x2
20-72
110
140
84
F2
RP15.4F2/x1
20-72
140
110
86
F2
RP11.4E1/x1
36-72
190
60
80
E1
RP16.2E1/x1
36-72
267
60
81
E1


Similar Part No. - RP9.2D2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP9.2D2 RECOM-RP9.2D2 Datasheet
44Kb / 1P
High Voltage Input/Output Series
RP9.2D2X1 RECOM-RP9.2D2X1 Datasheet
44Kb / 1P
High Voltage Input/Output Series
More results

Similar Description - RP9.2D2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP3.75D2 RECOM-RP3.75D2_06 Datasheet
44Kb / 1P
High Voltage Input/Output Series
logo
Freescale Semiconductor...
MC68HC908AP64 FREESCALE-MC68HC908AP64 Datasheet
53Kb / 2P
Update Output high voltage and Output low voltage parameters
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
High input-output isolation voltage
logo
Rohm
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
High accuracy output voltage
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
High output voltage accuracy
logo
Unisonic Technologies
2N6116L-T92-B UTC-2N6116L-T92-B Datasheet
134Kb / 3P
High peak output voltage
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
High Output Voltage Accuracy
logo
STMicroelectronics
L9777 STMICROELECTRONICS-L9777 Datasheet
473Kb / 25P
High precision output voltage
20-Feb-2014
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
High output voltage accuracy
20-Jan-2010
logo
Maxim Integrated Produc...
MAX6072 MAXIM-MAX6072 Datasheet
1Mb / 21P
High-Precision, Dual-Output Series Voltage Reference
19-7483; Rev 0; 12/14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com