Electronic Components Datasheet Search
  English  ▼

X  

RP9.2D2 Datasheet(PDF) 2 Page - Recom International Power

Part # RP9.2D2
Description  HIgh Voltage Output Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP9.2D2 Datasheet(HTML) 2 Page - Recom International Power

  RP9.2D2 Datasheet HTML 1Page - Recom International Power RP9.2D2 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
157
25-August-2005
Pin Pitch Tolerance ±0.5 mm
5
50.10
5.10
15.20
17.80
40.60
2
4
45.70
12.70
10.20
17.80
10.20
8
7
6
1
5.60
10.20
dia.
1.0
Bottom View
F2 Case: 50.1 x 40.6 x 10.2 mm
Package Style and Pinning (mm)
INNOLINE
DC/DC-Converter
High Voltage Input &
&
Output Series
"For detailed datasheets and pinning please ask at our technical customer service."
15.20
20.30
2
3
23
22
16
15
14
9
10
11
Bottom View
31.80
2.5
17.80
4.6
3.8
10.20
0.25 x 0.50
Rectangular Pin
Pin Pitch Tolerance ±0.35 mm
A2 Case: 31.8 x 20.3 x 10.2 mm
Pin Pitch Tolerance ±0.5 mm
Bottom
View
2.50
5.10
25.40
3
12
5
4
20.30
50.80
dia.
1.0
9.50
5.8
10.20
12.70
15.20
10.20
D2 Case: 50.8 x 25.4 x 9.5 mm
10.20
10.20
10.20
10.20
1
2
3
7.60
50.80
50.80
6
8
5
25.40
5.10
10.20
10.20
Bottom View
7
25.60
9
10
7.60
18.00
dia.
1.0
4.0 min.
4
Pin Pitch Tolerance ±0.4 mm
E1 Case: 50.8 x 50.8 x 18 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com