Electronic Components Datasheet Search
  English  ▼

X  

HRDM Datasheet(PDF) 2 Page - Littelfuse

Part # HRDM
Description  Delay-on-Make Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HRDM Datasheet(HTML) 2 Page - Littelfuse

  HRDM Datasheet HTML 1Page - Littelfuse HRDM Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Delay-on-Make
www.littelfuse.com/hrdm
Rev: 1-A-062116
External Resistance vs.Time Delay
Function Diagram
DELAY-ON-MAKE (ON-DELAY)
V = Voltage
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
R = Reset
= Undefined
Time
HRDM SERIES
Specifications
Time Delay
Type
Microcontroller circuitry
Range
0.1s - 100m in 5 adjustable ranges or fixed
Repeat Accuracy
±0.5% or 20 ms, whichever is greater
Tolerance
(Factory Calibration)
±1%, ±5%
Reset Time
≤ 150ms
Time Delay vs Temp.
& Voltage
±2%
Input
Voltage
12 or 24VDC; 24, 120, or 230VAC
Tolerance
12VDC & 24VDC
-15% - 20%
24 to 230VAC
-20% - 10%
AC Line Frequency
50/60 Hz
Power Consumption
AC ≤ 4VA; DC ≤ 2W
Output
Type
Electromechanical relay
Form
Non-isolated, SPDT
Ratings
SPDT-NO
SPDT-NC
General Purpose 125/240VAC
30A
15A
Resistive
125/240VAC
30A
15A
28VDC
20A
10A
Motor Load
125VAC
1 hp*
1/4 hp**
240VAC
2 hp**
1 hp**
Life
Mechanical - 1 x 106;
Electrical - 1 x 105, *3 x 104, **6,000
Protection
Surge
IEEE C62.41-1991 Level A
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Insulation Resistance
≥ 100 MΩ
Polarity
DC units are reverse polarity protected
Mechanical
Mounting
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
3 x 2 x 1.5 in. (76.7 x 51.3 x 38.1mm)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Environmental
Operating/Storage
Temperature
-40° to 60°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 3.9 oz (111 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com