Electronic Components Datasheet Search
  English  ▼

X  

HRDM Datasheet(PDF) 1 Page - Littelfuse

Part # HRDM
Description  Delay-on-Make Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HRDM Datasheet(HTML) 1 Page - Littelfuse

  HRDM Datasheet HTML 1Page - Littelfuse HRDM Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Delay-on-Make
www.littelfuse.com/hrdm
Rev: 1-A-062116
HRDM SERIES
L1
N/L2
Delay-on-MakeTimer
Wiring Diagram
NO = Normally Open
L = Load
C = Common,Transfer Contact
NOTE: A knob, or terminals
4 & 5 are only included on
adjustable units. RT is used
when external adjustment is
ordered. Relay contacts are
not isolated.
Ordering Information
MODEL
INPUT VOLTAGE
ADJUSTMENT
TIME DELAY
HRDM120
12VDC
Onboard
0.1 - 10s
HRDM3112S
24VDC
Fixed
12s
HRDM413M
120VAC
Fixed
3m
HRDM415M
120VAC
Fixed
5m
If you don’t find the part you need, call us for a custom product 800-843-8848
Description
The HRDM Series combines an electromechanical relay output
with microcontroller timing circuitry. It offers 12 to 230V
operation in five ranges and factory fixed, onboard, or external
adjustable time delays with a repeat accuracy of ±0.5%. The
output contact rating allows for direct operation of heavy loads,
such as compressors, pumps, blower motors, heaters, etc. This
series is ideal for OEM applications where cost is a factor.
Operation (Delay-on-Make)
Upon application of input voltage, the time delay begins. The
output is de-energized before and during the time delay. At the
end of the time delay, the output relay energizes and remains
energized until input voltage is removed.
Reset: Removing input voltage resets the time delay and output.
Features & Benefits
FEATURES
BENEFITS
Microcontroller based
Repeat Accuracy + / - 0.5%
Compact, low
cost design
Allows flexiblility for OEM applications
Isolated, 30A, SPDT,
NO output contacts
Allows direct operation of heavy loads:
compressors, pumps, blower moters, heaters.
Encapsulated
Protects against shock, vibration, and humidity
Accessories
P1004-95, P1004-95-X Versa-Pot
Panel mountable, industrial potentiometer
recommended for remote time delay adjustment.
P1023-6 Mounting bracket
The 90° orientation of mounting slots makes
installation/removal of modules quick and easy.
P0700-7 Versa-Knob
Designed for 0.25 in (6.35 mm) shaft of
Versa-Pot. Semi-gloss industrial black finish.
P1015-13 (AWG 10/12), P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.


Similar Part No. - HRDM

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
HRD-1641 HANWHAVISION-HRD-1641 Datasheet
897Kb / 4P
16CH 4M H.264 AHD DVR
HRD-1642 HANWHAVISION-HRD-1642 Datasheet
542Kb / 4P
16CH 4M H.264 AHD DVR
HRD-440 HANWHAVISION-HRD-440 Datasheet
762Kb / 4P
4CH 4M H.264 AHD DVR
HRD-442 HANWHAVISION-HRD-442 Datasheet
412Kb / 4P
4CH 4M H.264 AHD DVR
HRD-840 HANWHAVISION-HRD-840 Datasheet
762Kb / 4P
8CH 4M H.264 AHD DVR
More results

Similar Description - HRDM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
Delay-on-Make Timer
2016 Rev: 1-A-062116
KSDU LITTELFUSE-KSDU Datasheet
401Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
ORM LITTELFUSE-ORM Datasheet
460Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
PRLM LITTELFUSE-PRLM Datasheet
269Kb / 2P
DELAY-ON-MAKE
2021 Rev: 1-B-030121
TAC1 LITTELFUSE-TAC1 Datasheet
566Kb / 2P
Delay-on-Make
2016 Rev: 1-A-062316
TDM LITTELFUSE-TDM Datasheet
332Kb / 2P
Delay-on-Make Timer
2021 Rev: 1-B-030121
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com