Electronic Components Datasheet Search
  English  ▼

X  

HS3002 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HS3002
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3002 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HS3002 Datasheet HTML 1Page - Renesas Technology Corp HS3002 Datasheet HTML 2Page - Renesas Technology Corp HS3002 Datasheet HTML 3Page - Renesas Technology Corp HS3002 Datasheet HTML 4Page - Renesas Technology Corp HS3002 Datasheet HTML 5Page - Renesas Technology Corp HS3002 Datasheet HTML 6Page - Renesas Technology Corp HS3002 Datasheet HTML 7Page - Renesas Technology Corp HS3002 Datasheet HTML 8Page - Renesas Technology Corp HS3002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
HS300x Datasheet
© 2020 Renesas Electronics Corporation
3
April 22, 2020
Figure 6. HS3002 RH Accuracy over Temperature............................................................................................................................................8
Figure 7. HS3003 RH Accuracy Tolerance at 25°C ...........................................................................................................................................8
Figure 8. HS3003 RH Accuracy over Temperature............................................................................................................................................8
Figure 9. HS3004 RH Accuracy Tolerance at 25°C ...........................................................................................................................................9
Figure 10. HS3004 RH Accuracy over Temperature.............................................................................................................................................9
Figure 11. HS3001/HS3002 Temperature Sensor Accuracy Tolerance...............................................................................................................9
Figure 12. HS3003 Temperature Sensor Accuracy Tolerance.............................................................................................................................9
Figure 13. HS3004 Temperature Sensor Accuracy Tolerance.............................................................................................................................9
Figure 14. Timing Diagram.................................................................................................................................................................................10
Figure 15. START and STOP Condition Waveform............................................................................................................................................11
Figure 16. Measurement Request......................................................................................................................................................................11
Figure 17. Data Fetch........................................................................................................................................................................................12
Figure 18. Sequence of Commands to Enter Programming Mode.....................................................................................................................13
Figure 19. Sequence of Commands to Change the Relative Humidity Resolution..............................................................................................14
Figure 20. HS300x Application Circuit (Top View)..............................................................................................................................................15
Figure 21. Recommended Soldering Profile.......................................................................................................................................................16
Figure 22. Milled PCB Openings for Thermal Isolation.......................................................................................................................................17
List of Tables
Table 1. Pin Descriptions...................................................................................................................................................................................4
Table 2. Absolute Maximum Ratings.................................................................................................................................................................5
Table 3. Operating Conditions...........................................................................................................................................................................5
Table 4. Humidity Sensor Specification, TA = +25°C, VDD = 2.3V to 5.5V.........................................................................................................6
Table 5. Temperature Sensor Specification, TA = +25°C, VDD = 2.3V to 5.5V ..................................................................................................7
Table 6. I2C Timing Parameters......................................................................................................................................................................10
Table 7. Status Bits .........................................................................................................................................................................................13
Table 8. Non-volatile Memory Registers .........................................................................................................................................................13
Table 9. Register Values for Different Resolution Settings..............................................................................................................................14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com