Electronic Components Datasheet Search
  English  ▼

X  

HS3002 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HS3002
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3002 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HS3002 Datasheet HTML 11Page - Renesas Technology Corp HS3002 Datasheet HTML 12Page - Renesas Technology Corp HS3002 Datasheet HTML 13Page - Renesas Technology Corp HS3002 Datasheet HTML 14Page - Renesas Technology Corp HS3002 Datasheet HTML 15Page - Renesas Technology Corp HS3002 Datasheet HTML 16Page - Renesas Technology Corp HS3002 Datasheet HTML 17Page - Renesas Technology Corp HS3002 Datasheet HTML 18Page - Renesas Technology Corp HS3002 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
HS300x Datasheet
© 2020 Renesas Electronics Corporation
15
April 22, 2020
7. Calculating Humidity and Temperature Output
The entire output of the HS300x is 4 bytes. The relative humidity (in percent) and the temperature (in degrees Celsius) are calculated with
Equation 1 and Equation 2, respectively.
14
[13 0]
[%RH]
100
21
Humidity
:
Humidity
=
∗
−
Equation 1
o
14
[15 2]
[ C]
165 40
21
Temperature
:
Temperature
=
∗−
−
Equation 2
8. Application Circuit
Figure 20. HS300x Application Circuit (Top View)
0.1µF
VDD
RP = Pull-up resistor (2.2kΩ typical)
0.1µF
1 SCL
VDD 4
3 VC
2 SDA
NC 5
VSS 6
RP
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com