Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8099
Description  Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8099 Datasheet HTML 9Page - Analog Devices AD8099 Datasheet HTML 10Page - Analog Devices AD8099 Datasheet HTML 11Page - Analog Devices AD8099 Datasheet HTML 12Page - Analog Devices AD8099 Datasheet HTML 13Page - Analog Devices AD8099 Datasheet HTML 14Page - Analog Devices AD8099 Datasheet HTML 15Page - Analog Devices AD8099 Datasheet HTML 16Page - Analog Devices AD8099 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8099
Rev. B | Page 13 of 28
FREQUENCY (MHz)
1000
0.1
1.0
10
100
–110
–20
–30
–50
–70
–40
–60
–80
–90
–100
G = +2
RL = 1kΩ
Figure 4
uency
7. Common-Mode Rejection vs. Freq
1
10
100
1k
10k
100k
1M
10M
100M
1G
1
10
100
1000
FREQUENCY (Hz)
Figure 48. Input Current Noise v . Frequency (DISABLE = Open)
s
1
10
100
1k
10k
100k
1M
10M
100M
1G
0.1
1
10
1000
FREQUENCY (Hz)
Figure 49. Input Voltage Noise vs. Frequency
FREQUENCY (MHz)
1000
0.01
0.10
1.0
10
100
–100
0
–20
–10
–40
–60
–30
–50
–70
–80
–90
G = +5
RL = 1kΩ
POSITIVE
NEGATIVE
Figure 50. Power Supply Rejection vs. Frequency
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
100M
1G
1
10
100
1000
Figure 51. Input Current Noise vs. Frequency (DISABLE = +VS)
VOFFSET (µV)
–300
0
60
40
20
100
80
120
–200
0
–100
100
200
VS = ±5V
N = 1,200
X = –70
µV
σ = 80µV
X
Figure 52. Input Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com