Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8099
Description  Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8099 Datasheet HTML 15Page - Analog Devices AD8099 Datasheet HTML 16Page - Analog Devices AD8099 Datasheet HTML 17Page - Analog Devices AD8099 Datasheet HTML 18Page - Analog Devices AD8099 Datasheet HTML 19Page - Analog Devices AD8099 Datasheet HTML 20Page - Analog Devices AD8099 Datasheet HTML 21Page - Analog Devices AD8099 Datasheet HTML 22Page - Analog Devices AD8099 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD8099
Rev. B | Page 19 of 28
PERFORMANCE VS. COMPONENT VALUES
The influence that each component has on the AD8099
frequency response can be seen in Figure 67 and Figure 68. In
Figure 67 and Figure 68, all component values are held
constant, except for the individual component shown, which is
varied. For example, in the RS performance plot of Figure 68, all
components are held constant except RS, which is varied from
0 Ω to 50 Ω.; and clearly indicates that RS has a major influence
on peaking and bandwidth of the AD8099.
1
8
4
7
5
3
6
2
AD8099
C5
0.1
µF
CC
CF
C1
C4
10
µF
C2
10
µF
C3
0.1
µF
RC
RF
RG
RS
R1
+VS
–VS
VOUT
SOIC PINOUT SHOWN
VIN
DISABLE
FREQUENCY (MHz)
–2
3000
1
10
100
1000
9
8
7
6
5
4
3
2
1
0
–1
VS = ±5V
G = +2
RLOAD = 1kΩ
SOIC PACKAGE
C1 = 0pF
C1 = 2pF
C1 = 1.5pF
FREQUENCY (MHz)
–1
3000
1
10
100
1000
10
9
8
7
6
5
4
3
2
1
0
CC = 3pF
CC = 4pF
CC = 5pF
VS = ±5V
G = +2
RLOAD = 1kΩ
SOIC PACKAGE
FREQUENCY (MHz)
–1
3000
1
10
8
9
7
6
5
4
3
2
1
0
VS = ±5V
G = +2
RLOAD = 1kΩ
SOIC PACKAGE
10
100
1000
RC = 50Ω
RC = 35Ω
RC = 20Ω
Figure 67. Frequency Response for Various Values of C1, CC, RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com