Electronic Components Datasheet Search
  English  ▼

X  

DP810NS Datasheet(PDF) 4 Page - 3M Electronics

Part # DP810NS
Description  Scotch-Weld™ Low Odor AcrylicAdhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP810NS Datasheet(HTML) 4 Page - 3M Electronics

  DP810NS Datasheet HTML 1Page - 3M Electronics DP810NS Datasheet HTML 2Page - 3M Electronics DP810NS Datasheet HTML 3Page - 3M Electronics DP810NS Datasheet HTML 4Page - 3M Electronics DP810NS Datasheet HTML 5Page - 3M Electronics DP810NS Datasheet HTML 6Page - 3M Electronics DP810NS Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3M™ Scotch-Weld™
Low Odor Acrylic Adhesives
DP810 • DP810 Black • DP810NS
- 4 -
Test Methods and
Footnotes
1) Viscosity obtained by Brookfield, DV-II, #7 Spindle, 20 rpm at 75°F(24°C).
2) Overlap Shear Test Method: overlap shear test for adhesion determined in
accordance to ASTM D1002-72, sample dimensions were 1" x 4" x 1/8", with a
1/2 square inch area of overlap, bonded to themselves unless otherwise noted,
allowed to cure for at least 6 hours at 75°F (24°C) before testing. Data were
collected using a Sintech 5GL Mechanical Tester with a 2000# or 5000# load
cell. Test rate was 0.1"/minute. Strength determined at 75°F (24°C) unless
otherwise noted.
3) Peel tests (ASTM D1876-61T) on FPL etched, 0.032” gauge aluminum, with a
.017" bondline thickness. Jaw separation rate 20"/min. All bonds were allowed to
cure for at least 6 hours at 75°F (24°C) before testing.
4) Environmental tests were conducted by immersing bonded coupons prepared in
accordance to description in footnote 2.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com