Electronic Components Datasheet Search
  English  ▼

X  

DP810NS Datasheet(PDF) 3 Page - 3M Electronics

Part # DP810NS
Description  Scotch-Weld™ Low Odor AcrylicAdhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP810NS Datasheet(HTML) 3 Page - 3M Electronics

  DP810NS Datasheet HTML 1Page - 3M Electronics DP810NS Datasheet HTML 2Page - 3M Electronics DP810NS Datasheet HTML 3Page - 3M Electronics DP810NS Datasheet HTML 4Page - 3M Electronics DP810NS Datasheet HTML 5Page - 3M Electronics DP810NS Datasheet HTML 6Page - 3M Electronics DP810NS Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3M™ Scotch-Weld™
Low Odor Acrylic Adhesives
DP810 • DP810 Black • DP810NS
- 3 -
For footnotes, see Test Methods and Footnotes on Page 4.
Environmental
Resistance
(4)
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Overlap Shear Strength (psi), tested @ 73°F (23°C)
Condition
Time
3M™ Scotch-Weld™ Low Odor Acrylic Adhesive
DP810
DP810 Black
DP810NS
Control
14 Days
3900 CF
3750 CF
3700 CF
160°F (71°C)/100% RH
14 Days
1500 MM
1500 MM
1250 AF
160°F (71°C)/Soak
14 Days
1750 MM
1650 MM
1600 AF
20% Bleach
14 Days
3450 CF
3250 CF
3750 CF
IPA
14 Days
3150 CF
3050 CF
3200 CF
50% Antifreeze
14 Days
3850 CF
3900 CF
4000 CF
Gasoline
14 Days
2550 CF
2550 CF
3000 CF
Diesel Fuel
14 Days
4000 CF
3950 CF
4050 CF
Toluene
14 Days
2650 CF
2600 CF
3400 CF
MEK
14 Days
50 CF
75 CF
1000 CF
Acetone
14 Days
75 CF
50 CF
900 CF
CF = Cohesive Failure
MM = Mixed (Mode of AF and CF)
AF = Adhesive Failure
Typical Rate of
Strength Build-Up
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Overlap Shear Strength (psi), tested @ 73°F (23°C) at various times after bonding.
Condition
3M
™ Scotch-Weld™ Low Odor Acrylic Adhesive
DP810
DP810 Black
DP810NS
10 minutes
50
30
500
20 minutes
1500
1150
1750
1 hour
2250
2200
2850
2 hours
2750
2700
3350
4 hours
2950
2900
3700
8 hours
3350
3200
3850
24 hours
3600
3550
4000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com