Electronic Components Datasheet Search
  English  ▼

X  

LP28013A Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP28013A
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28013A Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP28013A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP28013A-01
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 7
Preliminary Datasheet
LP28013A
Automatic Recharge
At any time when VBAT is 50mV higher than the trimmed
charge target, the LP28013A reduces its charge current to
0µA. This ensures the safety of the battery. Also, the CV
control loop always monitors the battery voltage such that it
will automatically recharge the battery when it is depleted
below the target level. This ensures that the battery is kept at
or near a fully charged condition and eliminates the need for
periodic charge cycle initiations.
Charge Status Indicator (CHAG & PG)
After application of a 5V source, the input voltage rises above
the UVLO and sleep thresholds (VIN>VBAT+VDT) but less than
OVP (VIN<VOVP), the PG turns on and provides a low
impedance path to ground.
CHRG has two different states: strong pull-down (~5mA) and
high impedance. The strong pull-down state indicates that the
LP28013A is in a charge cycle. When the charger is entered
CV mode and Once the charge current has reduced to the
battery full charge current threshold (IBF), the CHRG pin will
become high impedance, though the battery may be still
charging.
Function
CHRG
Floating
High
Charging
Low
Battery Fully Charged ( IBAT < IBF )
High
Function
PG
VIN<UVLO
High
UVLO<VIN<OVP
Low
OVP<VIN
High
Enable Function
The LP28013A features an enable/disable function. An input
“Low” signal at EN pin or if this pin is floating will enable the IC.
To assure the charger will switch on, the EN turn on control
level must below 0.4 volts. The charger IC will go into the
shutdown mode when the voltage on the EN pin is greater
than 2.4 volts. If the enable function is not needed in a specific
application, it may be tied to GND or floating to keep the
charge IC in a continuously on state.
Thermal Limiting
An internal thermal feedback loop reduces the ISET rammed
charge current if the die temperature attempts to rise above a
preset value of approximately 125°C. This feature protects the
LP28013A from excessive temperature and allows the user to
push the limits of the power handling capability of a given
circuit board without risk of damaging the LP28013A. The
charge current can be set according to typical (not Worst-case)
ambient temperature with the assurance that the charger will
automatically reduce the current in worst-case conditions.
Power Dissipation
The conditions that cause the LP28013A to reduce charge
current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of this
power dissipation is generated by the internal MOSFET
calculated to be approximately:
PD = ( VIN - VBAT ) × IBAT
Where PD is the power dissipated, VIN is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. The approximate ambient temperature at which the
thermal feedback begins to protect the IC is:
TA = 125℃ - PD × θJA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com