Electronic Components Datasheet Search
  English  ▼

X  

LP28013A Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP28013A
Description  1A Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28013A Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP28013A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28013A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LP28013A-01
Oct.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 7
Preliminary Datasheet
LP28013A
Application Information
Input Voltage Range
The LP28013A has built-in input voltage surge protection as
high as +28V. The charger IC will be automatically disabled
when the input voltage is lower than 3.3V or higher than 7.0V.
The open-drain PG Pin is used to indicate an input power
good condition (3.3V<VIN<7.0V). If the input voltage is lower
than the battery voltage, the IC is also disabled to prevent the
battery from draining.
A charge cycle begins when the voltage at the VIN pin rises
above the UVLO threshold level, when a battery is connected
to the charger output. If the BAT pin is less than 2.6V, the
charger enters trickle charge mode. In this mode, the
LP28013A
supplies
approximately
1/10
the
ISET
programmed charge current to bring the battery voltage up to
a safe level for full current charging. When the BAT pin
voltage rises above 2.6V, the charger enters constant-current
mode(CC), where the ISET programmed charge current is
supplied to the battery. When the BAT pin approaches the
final float voltage, the LP28013A enters constant-voltage
mode(CV) and the charge current begins to decrease, and the
battery full indicator is set when the charge current in CV
mode is reduced to 1/10 of the CC mode.
ISET programming Charge Current
The charge current (IBAT) is set by a resistor (RISET)
connecting from the ISET pin to GND. The relationship of the
charge current and the programming resistance is established
by the following formula:
IBAT = 1500 / RISET
Termination charge current programmed
The battery full charge current threshold (IBF) is programmed
by connecting a resistor RIBF from the IBF pin to GND:
IBF = 1500 / RIBF
Battery Temperature Detection
The NTC function for the LP28013A is designed to follow the
new JEITA temperature standard for Li-Ion. There are now
three thresholds, 60°C, 10°C, and 0°C. Normal operation
occurs between 10°C and 60°C. If between 0°C and 10°C the
charge current level is cut in half. Above 60°C or below 0°C
the charge is disabled.
The NTC feature is implemented using an internal 48μA
current source to bias the thermistor connected from the NTC
terminal to GND (designed for use with a 10k NTC β = 3370
[SEMITEC 103AT-2 or Mitsubishi TH05-3H103F]). If NTC
feature is not needed, a fixed 10kΩ can be placed between
NTC and GND to allow normal operation. Since the INTC
current is fixed along with the temperature thresholds, it is not
possible to use thermistor values other than the 10k NTC (at
25°C).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com