Electronic Components Datasheet Search
  English  ▼

X  

LPA2103 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LPA2103
Description  EMI??W
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2103 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LPA2103 Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
D 类音频功率放大器
LPA2103
LPA2103–02 May.2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
封装及引脚配置
1
2
3
4
8
7
6
5
CTRL
BYP
NC
IN
GND
VDD
VOP
VON
图 1. LPA2103 的管脚定义图
管脚号
符号
描述
1
CTRL
关断和 NCN 模式控制
2
BYP
内部共模电压脚,需要外接 1uF 旁路电容
3
NC
空脚
4
IN
音频信号输入端
5
VOP
音频信号正相输出端
6
VDD
电源正极
7
GND
电源地
8
VON
音频信号负相输出端
典型应用电路
GND
VIN
CTRL
VDD
VON
VOP
1uF
LPA2103
BYP
NC
27kΩ
1uF
NC/22uF
0.22uF
2
3
4
5
6
8
1
7
Audio
input
10kΩ
20kΩ
VDD
VDD
图 2. LPA2103 的典型应用电路



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com