Electronic Components Datasheet Search
  English  ▼

X  

LPA2103 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LPA2103
Description  EMI??W
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2103 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LPA2103 Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2103 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
D 类音频功率放大器
LPA2103
LPA2103–02 May.2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 10
最大额定值
参数名称
符号
数值
单位
电源电压
2.4
6.0
V
存储温度
Tstg
-45 - 150
℃
输入电压
-0.3 to +(0.3+VCC)
V
功率消耗
PD
见附注 1
W
结温度
160
℃
附注 1:最大功耗取决于三个因素:TJMAX,TA,θJA,它的计算公式 PDMAX=(TJMAX-TA)/θJA ,LPA2103 的 TJMAX=150℃。
TA 为外部环境的温度,θJA 取决于不同的封装形式。(SOP 封装形式为 120℃/W)
电气参数
VDD=5V,TA=25℃
符号
参数
测试条件
最小值
典型值
最大值
单位
VDD
供电电压
2.7
5.5
V
|Vos|
输出失调电压
VDD=5V,VSD=0
3
mV
IQ
静态电流
VDD=5V,IO=0
4
mA
ISD
关断电流
VDD=2.5
– 5.5V
0.3
μA
PO
输出功率
(普通模式)
f=1kHz, RL=4
Ω,
THD=10%
VDD=5V
3.3
W
VDD=4.2V
2.3
VDD=3.7V
1.75
f=1kHz, RL=4
Ω,
THD=1%
VDD=5V
2.7
VDD=4.2V
1.8
VDD=3.7V
1.4
f=1kHz, RL=2
Ω,
THD=10%
VDD=5V
5
VDD=4.2V
3.7
VDD=3.7V
2.8
f=1kHz, RL=2
Ω,
THD=1%
VDD=5V
4.2
VDD=4.2V
3
VDD=3.7V
2.3
THD+N
总谐波失真加噪声
VDD=5V,RL=4Ω,PO=2.6W
0.02
%
VDD=5V,RL=2Ω,PO=4W
0.02
PSRR
电源电压抑制比
Cin=0.47μF 接地,
f=217Hz
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com