Electronic Components Datasheet Search
  English  ▼

X  

2N3799 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 2N3799
Description  PNP Transistor Bare Die
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2N3799 Datasheet(HTML) 1 Page - Silicon Supplies

  2N3799 Datasheet HTML 1Page - Silicon Supplies 2N3799 Datasheet HTML 2Page - Silicon Supplies 2N3799 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
 
General purpose medium power amplifier or switch in bare die form
Complement to NPN 2N2484
Rev 1.0
08/01/19
PNP Transistor Bare Die, 2N3799
 
Features:
Die Dimensions in µm (mils)
350 (13.78)
102.5
(4.02)
140
(5.51)
B
E
B
 
 
 
 
High Collector Current
Very low saturation voltage
Well suited for low noise amplifier applications
High Reliability Gold Back Metal
High Reliability tested grades for Military + Space
 
 
Ordering Information:
 
 
 
 
 
 
 
 
The following part suffixes apply:
No suffix - MIL-STD-750 /2072 Visual Inspection
“H” - MIL-STD-750 /2072 Visual Inspection
+ MIL-STD-38534 Class H LAT
“K” - MIL-STD-750 /2072 Visual Inspection
+ MIL-STD-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
E = EMITTER B = BASE
DIE BACK = COLLECTOR
 
Supply Formats:
Mechanical Specification
 
 
 
 
 
Default – Die in Waffle Pack (400 per tray
capacity)
Sawn Wafer on Tape – Specific request
Unsawn Wafer – Specific request
With additional electrical selection – Specific
request
Die Size
(Excluding Saw Street)
350 x 350
13.78 x 13.78
µm
mils
Base Pad Size
102.5 x 102.5
4.02 x 4.02
Emitter Pad Size
96 x 96
5.51 x 5.51
µm
mils
Die Thickness
230 (±15)
9.06 (±0.59)
µm
mils
Top Metal Composition
Al - 1.3µm
Back Metal Composition
AuAs - 0.9µm
Page 1 of 3 
www.siliconsupplies.com


Similar Part No. - 2N3799

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3799 SEME-LAB-2N3799 Datasheet
27Kb / 2P
PNP, LOW NOISE AMPLIFIER TRANSISTOR
logo
Semicoa Semiconductor
2N3799 SEMICOA-2N3799 Datasheet
30Kb / 1P
Chip Type 2C2605 Geometry 0220 Polarity NPN
logo
New Jersey Semi-Conduct...
2N3799 NJSEMI-2N3799 Datasheet
262Kb / 2P
PNP SILICON ANNULAR TRANSISTORS
logo
Central Semiconductor C...
2N3799 CENTRAL-2N3799 Datasheet
117Kb / 2P
PNP SILICON TRANSISTOR JEDEC TO-18 CASE
2N3799 CENTRAL-2N3799 Datasheet
296Kb / 2P
SILICON PNP TRANSISTORS
More results

Similar Description - 2N3799

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
MPSA56 SS-MPSA56 Datasheet
920Kb / 4P
PNP Transistor Bare Die
BTP981 SS-BTP981 Datasheet
934Kb / 4P
PNP Transistor Bare Die
2N918 SS-2N918 Datasheet
237Kb / 2P
NPN Transistor Bare Die
BC546 SS-BC546 Datasheet
362Kb / 4P
NPN Transistor Bare Die
MPSH10 SS-MPSH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
MPSA55 SS-MPSA55 Datasheet
1Mb / 4P
PNP Transistor Bare Die
TIP42C SS-TIP42C_V01 Datasheet
315Kb / 2P
PNP Transistor Bare Die
Rev 1.1 22/08/23
SIS953 SS-SIS953 Datasheet
307Kb / 2P
PNP Transistor Bare Die
Rev 1.1 13/10/23
TIP127 SS-TIP127 Datasheet
210Kb / 2P
PNP Transistor Bare Die
Rev 1.0 19/12/23
TIP32C SS-TIP32C Datasheet
217Kb / 2P
PNP Transistor Bare Die
Rev 1.0 22/08/23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com