Electronic Components Datasheet Search
  English  ▼

X  

XC95093AL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC95093AL
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC95093AL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC95093AL Datasheet HTML 1Page - Torex Semiconductor XC95093AL Datasheet HTML 2Page - Torex Semiconductor XC95093AL Datasheet HTML 3Page - Torex Semiconductor XC95093AL Datasheet HTML 4Page - Torex Semiconductor XC95093AL Datasheet HTML 5Page - Torex Semiconductor XC95093AL Datasheet HTML 6Page - Torex Semiconductor XC95093AL Datasheet HTML 7Page - Torex Semiconductor XC95093AL Datasheet HTML 8Page - Torex Semiconductor XC95093AL Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
" ELECTRICAL CHARACTERISTICS
XC9509HxxCAx
% Common Characteristics
% DC/DC Converter (2.2V product)
% Regulator (1.8V product)
VMH
IROUT=30mA
IDOUT=30mA
-40
OC<Topr<85OC
MODE 'H' Level Voltage
0.6
Connected to the external components,
IDOUT=10mA
-
1
IMH
- 0.1
Connected to the external components,
IDOUT=30mA
1
V
3
IDD2
3
MODE 'L' Level Current
µΑ
IML
- 0.1
-
MODE 'H' Level Current
MODE 'L' Level Voltage
VML
VSS
- 0.1
CONDITIONS
µΑ
-
0.25
V
0.1
µΑ
Ta=25
OC
1
0.1
2
Ta=25
OC
mA
3
mV
7
7
2
ppm
/
OC
V
2
- 0.1
-
0.1
21
UNITS
mA
-
3
-
-
0.25
-
VDD
0.1
-
1.2
-
38
30
CE 'L' Level Voltage
VCEL
VSS
3
VDD
µΑ
1
V
1
3
V
1.40
2.5
-
µΑ
-
6.0
1.78
Supply Current 2
-
µΑ
1
300
-
µΑ
1
-
240
PARAMETER
SYMBOL
MIN.
IDD1
VIN=CE=DCOUT=5.0V
MAX.
UNITS TEST CIRCUIT
V
3
mA
2
mS
VROUT=VSS
VIN={VOUT(T) + 1.0} VDC + 0.5Vp-pAC
IROUT=30mA, f=1kHz
-60
2
6
-
0.5
-
5
3
-
-
-
-
MAX.
3
TYP.
±100
3
TEST CIRCUIT
PFM Duty Ratio
CONDITIONS
%
Ω
UNITS
-%
0%
-
Connected to the external components,
No Load
DCOUT=VIN
TEST CIRCUIT
2.156
2.200
2.244
V
3
MIN.
TYP.
MAX.
Manimum Duty Ratio
MINDUTY
3
4
MAXDUTY
1.02
Oscillation Frequency
FOSC
Maximum Duty Ratio
DCOUT=0V
PFMDUTY
3
1.20
1.38
MHz
100
-
--
4
RLXL
LX SW 'High' On Resistance
(note 3)
RLXH
-
Ω
DCOUT=0V, LX=VIN-0.05V
0.5
600
%
Connected to the external components,
IDOUT=100mA
-90
-A
-
Efficiency (note 4)
EFFI
Temperature Characteristics
! Topr # VOUT
Output Voltage
! VOUT
TSS
-
PARAMETER
SYMBOL
MIN.
Connected to the external components,
CE=0V
"VIN, IDOUT=1mA
Latch Time (note 5)
Tlat
CONDITIONS
%/V
2
Maximum Output Current
IMAX2
200
-
Load Regulation
! VROUT
Dropout Voltage 1 (note 6)
Vdif 1
mV
2
15
50
mV
2
30
-
-
85
-
0.6
Current Limit
Line Regulation
ILIM2
Output Voltage
VROUT(E)
CE 'H' Level Current
ICEH
! VOUT
Soft Start Time
Stand-by Current (note 1)
ISTB
CE 'H' Level Voltage
VCEH
VIN
Input Voltage Range
VUVLO
U.V.L.O. Voltage (note 2)
Supply Current 1
XC9509 Series
Ta=25
OC
TYP.
VIN=CE=5.0V, DCOUT=0V
V
-
0.6
-
-
VIN=6.5V, CE=0V
1.00
2.4
ILIM1
Current Limit
PARAMETER
Output Voltage
SYMBOL
DCOUT
Maximum Output Current
IMAX1
LX SW 'Low' On Resistance
CE 'L' Level Current
ICEL
IDOUT=30mA
-40
OC<Topr<85OC
mS
-
ppm
/
OC
5
Connected to the external components,
VIN=CE=5.0V,
Short DCOUT by 1
Ω resistor
-8
1.800
1.764
1.836
1mA<IROUT<100mA
IROUT=30mA
IROUT=100mA
-
-
-dB
VROUT(T)+1V<VIN<6V
VROUT=VROUT(E)x0.9
-
-
mA
300
-
-
0.2
PSRR
! VOUT
-
-
-
±100
IROUT=30mA
! VIN # VOUT
30
Ripple Rejection Rate
Dropout Voltage 2
Vdif 2
Short-Circuit Current
ISHORT
-
Temperature Characteristics
! Topr # VOUT
Output Voltage
Semiconductor Ltd.
Data Sheet
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com