Electronic Components Datasheet Search
  English  ▼

X  

XC95093AL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC95093AL
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC95093AL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC95093AL Datasheet HTML 1Page - Torex Semiconductor XC95093AL Datasheet HTML 2Page - Torex Semiconductor XC95093AL Datasheet HTML 3Page - Torex Semiconductor XC95093AL Datasheet HTML 4Page - Torex Semiconductor XC95093AL Datasheet HTML 5Page - Torex Semiconductor XC95093AL Datasheet HTML 6Page - Torex Semiconductor XC95093AL Datasheet HTML 7Page - Torex Semiconductor XC95093AL Datasheet HTML 8Page - Torex Semiconductor XC95093AL Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
" ELECTRICAL CHARACTERISTICS (Continued)
% Detector (2.7V product)
Test Conditions :
Unless otherwise stated;
* VROUT(T) : Setting Output Voltage
DC/DC : VIN=3.6V [@ DCOUT:2.2V]
VD : VIN=6.0V
VR : VIN = VROUT(T) + 1.0 (V) [When VROUT(T) <1.4V, VIN =2.4V]
note 1 : VD operates when in stand-by mode.
note 2 : Including hysteresis operating voltage range.
note 3 : On resistance = 0.05V / ILX
note 4 : EFFI = { ( Output Voltage x Output Current ) / ( Input Voltage x Input Current) } x 100
note 5 : Time until it short-circuits DCOUT with GND through 1
Ω of resistance from a state of operation
and is set to DCOUT=0V from current limit pulse generating.
note 6 : Vdif = (VIN1
(note 7) - VROUT1 (note 8 ) )
note 7 : VIN 1 = The input voltage when VROUT1 appears as input voltage is gradually decreased.
note 8 : VROUT1 = A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VROUT(T) + 1.0V} is input.
Temperature Characteristics
! Topr # VDF
8
-
-40
OC<Topr<85OC
±100
-
ppm
/
OC
Output Voltage
! VDF
%
-
58
2.646
2.754
Hysteresis Range
VHYS
3
TEST CIRCUIT
V
8
Detect Voltage
VDF
2.700
VDOUT=0.5V
VD Output Current
IVD
1
UNITS
XC9509 Series
CONDITIONS
Ta=25
OC
PARAMETER
SYMBOL
TYP.
MAX.
MIN.
--
mA
9
Semiconductor Ltd.
Data Sheet
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com