Electronic Components Datasheet Search
  English  ▼

X  

LP1115AQVF Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP1115AQVF
Description  Full Bridge Gate Driver with Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1115AQVF Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP1115AQVF Datasheet HTML 1Page - Lowpower Semiconductor inc LP1115AQVF Datasheet HTML 2Page - Lowpower Semiconductor inc LP1115AQVF Datasheet HTML 3Page - Lowpower Semiconductor inc LP1115AQVF Datasheet HTML 4Page - Lowpower Semiconductor inc LP1115AQVF Datasheet HTML 5Page - Lowpower Semiconductor inc LP1115AQVF Datasheet HTML 6Page - Lowpower Semiconductor inc LP1115AQVF Datasheet HTML 7Page - Lowpower Semiconductor inc LP1115AQVF Datasheet HTML 8Page - Lowpower Semiconductor inc LP1115AQVF Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LP1115-01
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 10
Preliminary Datasheet
LP1115
Absolute Maximum Ratings
Note 1
VCC1/2 to GND1/2 ------------------------------------------------------------------------------------------- -0.3V to 15V
EN1/2 to GND1/2 --------------------------------------------------------------------------------------------- -0.3V to 15V
BST1/2 to GND1/2 ------------------------------------------------------------------------------------------- -0.3V to 35V
BST1/2 to SW1/2 --------------------------------------------------------------------------------------------- -0.3V to 15V
SW1/2 to GND1/2------------------------------------------------------------------------------------------------- -5V to 20V
DRVH1/2 to GND1/2 ------------------------------------------------------------------ SW1/2-0.3V to BST1/2+0.3V
DRVL1/2 to GND1/2 ---------------------------------------------------------------------------- -0.3V to VCC1/2+0.3V
PWM1/2 to GND1/2 ----------------------------------------------------------------------------------------- -0.3V to 6.5V
BVCC to BGND ----------------------------------------------------------------------------------------------- -0.3V to 26V
BSW to BGND ------------------------------------------------------------------------------------------------ -0.3V to 30V
BEN to BGND ------------------------------------------------------------------------------------------------- -0.3V to 26V
FB to BGND ----------------------------------------------------------------------------------------------------- -0.3V to 6V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150℃
Maximum Soldering Temperature (at leads,10 sec) --------------------------------------------------------- 260℃
Storage Temperature ------------------------------------------------------------------------------------- -65℃ to 150℃
Operating Ambient Temperature Range -------------------------------------------------------------- -40℃ to 85℃
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (PD, TA=25℃) --------------------------------------------------------------------- 2.5W
Thermal Resistance (θJA) ------------------------------------------------------------------------------------------ 50℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com