Electronic Components Datasheet Search
  English  ▼

X  

LP3101A Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3101A
Description  Dual Channel Charge Pump Power Solution For TFT LCD Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3101A Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3101A Datasheet HTML 1Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 2Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 3Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 4Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 5Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 6Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 7Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LP3101A– 00
Aug.-2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 8
Preliminary Datasheet
LP3101A
Function Block Diagram
VIN
EN
C1P
C1N
VP
GND
Charge Pump
Logic
Control
Band Gap
OSC
C3P
C3N
VN
Charge Pump
C2P
C2N
Absolute Maximum Ratings
Input/Output Voltage to GND ------------------------------------------------------------------------------ -0.3V to +6V
EN to GND -------------------------------------------------------------------------------------------------
0 V to VIN
Operating Junction Temperature Range (TJ) ---------------------------------------------------
-40℃ to 150℃
Maximum Soldering Temperature (at leads, 10sec) ---------------------------------------------------------260℃
Storage Temperature Range ------------------------------------------------------------------------−65°C to 150°C
Operation Ambient Temperature Range-------------------------------------------------------------- 0°C to 85°C
Maximum Power Dissipation (PD,TA<40°C) ------------------------------------------------------------------ 0.77W
Thermal Resistance (JA) ---------------------------------------------------------------------------------------- 130℃/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com