Electronic Components Datasheet Search
  English  ▼

X  

LP3101A Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3101A
Description  Dual Channel Charge Pump Power Solution For TFT LCD Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3101A Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3101A Datasheet HTML 1Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 2Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 3Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 4Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 5Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 6Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 7Page - Lowpower Semiconductor inc LP3101A Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LP3101A– 00
Aug.-2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 8
Preliminary Datasheet
LP3101A
Electrical Characteristics for Each Channel
(VIN =VEN , C1 = C2=C3 = 2.2uF , C4=C5=C6=1uF, Typical values are TA=25℃ )
Symbol
Parameter
Conditions
LP3101A
Unit
Min.
Typ.
Max.
VIN
Input Voltage
2.5
4.8
V
IO
Output Current
Positive Output Current, Vin=2.8V
40
mA
Negative Output Current, Vin=2.8V
40
Positive Output Current, Vin=3.3V
50
Negative Output Current, Vin=3.3V
50
VP
Positive Output Voltage
Loading=1mA
5.4
5.9
V
VN
Negative Output Voltage
Loading=1mA
-5.9
-5.4
ISHDN
Shutdown Current
EN = GND, VIN = 3.6V
1
µA
FOSC
Oscillator Frequency
IVP=IVN=10mA
300
KHz
VOL
EN Logic Low
0.4
V
VOH
EN Logic High
1.4
V
IEN
EN Pin Current
0.5
uA
TSD
Thermal Shutdown Temperature
145
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com