Electronic Components Datasheet Search
  English  ▼

X  

LP3985 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3985
Description  300mA,Ultra-low noise, Small Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3985 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3985 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP3985-00
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet
LP3985
300mA,Ultra-low noise, Small Package
Ultra-Fast CMOS LDO Regulator
General Description
The LP3985 is designed for portable RF and wireless
applications with demanding performance and space
requirements. The LP3985 performance is optimized
for battery-powered systems to deliver ultra low noise
and low quiescent current. The LP3985 also works
with low-ESR ceramic capacitors, reducing the amount
of board space necessary for power applications,
critical in hand-held wireless devices. The other
features include ultra low dropout voltage, high output
accuracy, current limiting protection, and high ripple
rejection ratio. It is available in the 5-lead of SOT23-3
and SOT89-3 packages.
Order Information
LP3985
Package Type
F: Pb-Free
Output Type
B3: SOT23-3
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
30 : 3.0V
33 : 3.3V
36 : 3.6V
28 : 2.8V
X3: SOT89-3
Features
Ultra-Low-Noise for RF Application
2.5V- 5.5V Input Voltage Range
Low Dropout : 300mV @ 300mA
300mA Output Current
High PSSR:-68dB at 1KHz
1uA Standby Current When Shutdown
Available in SOT23-3/SOT89-3 Package
TTL-Logic-Controlled Shutdown Input
Ultra-Fast Response in Line/Load transient
Current Limiting and Thermal Shutdown
Protection
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
LCD
DSC Sensor
Wireless Card
Typical Application Circuit
CIN
VIN
GND
VOUT
COUT
LP3985
VIN
VOUT


Similar Part No. - LP3985

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985 TI-LP3985 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985 TI-LP3985 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3985

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3982 POWER-LP3982 Datasheet
378Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3984 POWER-LP3984 Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193 Datasheet
909Kb / 13P
300mA Ultra-low Noise, Ultra-Fast
BL9198 BELLING-BL9198 Datasheet
861Kb / 14P
300mA Ultra-low Noise, Ultra-Fast
BL9169 BELLING-BL9169 Datasheet
538Kb / 10P
300mA,Ultra-low noise
logo
Lowpower Semiconductor ...
LP3983S POWER-LP3983S Datasheet
511Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3980 POWER-LP3980 Datasheet
492Kb / 10P
500mA,Ultra-low noise, Small Package
LP3990A POWER-LP3990A Datasheet
291Kb / 6P
300mA,Ultra-low noise, Small Package
LP3992 POWER-LP3992 Datasheet
734Kb / 9P
300mA,Ultra-low noise, Small Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com