Electronic Components Datasheet Search
  English  ▼

X  

LP3985 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3985
Description  300mA,Ultra-low noise, Small Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3985 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3985 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3985 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP3985-00
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP3985
Electrical Characteristics
(VIN = VOUT + 1V, CIN = COUT = 1µF, TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ.
Max
Units
Output Voltage Accuracy
ΔVOUT
IOUT=1mA
−2
--
+2
%
Output Loading Current
ILOAD
VIN >2.8V
300
mA
Current Limit
ILIM
RLOAD=1Ω
500
mA
Quiescent Current
IQ
IOUT=0mA
50
130
μA
Dropout Voltage
VDROP
IOUT=200mA, VOUT>2.5V
200
240
mV
IOUT=300mA, VOUT>2.5V
300
360
Line Regulation
ΔVLINE
VIN=(VOUT+1V) to 5.5V,
IOUT=50mA
0.2
%/V
Load Regulation
ΔLOAD
1mA<IOUT<300mA
2
%/A
Output Noise Voltage
10Hz to 100kHz,
IOUT=200mA, COUT=1µF
300
uVRMS
Power Supply
Rejection Rate
PSRR
COUT=1µF, f = 1kHz,
IOUT=100mA
-68
dB
COUT=1µF, f = 10kHz,
IOUT=100mA
-60
dB
Thermal Shutdown Temperature
TSD
150
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com