Electronic Components Datasheet Search
  English  ▼

X  

LP3993 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3993
Description  200mA,Ultra-low Noise LDO Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3993 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3993 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3993 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3993 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3993 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3993 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3993 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3993 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP3993-02
May.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP3993
Functional Pin Description
Package Type
Pin Configurations
SOT-23-3 / SOT89-3
SOT23-3
TOP VIEW
3
1
2
TOP VIEW
3
2
1
SOT89-3
4
Pin Description
Pin
Name
Description
SOT23-3
SOT89-3
1
1
GND
Ground.
3
2/4
Vin
Power Input Pin
2
3
Vout
Output Pin.
Marking Information
Device
Marking
Package
Shipping
Device
Marking
Package
Shipping
LP3993-30X3F
LPS
3993
28YW
SOT89-3
1K/REEL
LP3993-33X3F
LPS
3993
33YW
SOT89-3
1K/REEL
LP3993-28B3F
LPS
2MYWX
SOT23-3
3K/REEL
LP3993-36B3F
LPS
2LYW
SOT23-3
3K/REEL
LP3993-30B3F
LPS
2NYWX
SOT23-3
3K/REEL
LP3993-36X3F
LPS
36YWX
SOT89-3
1K/REEL
LP3993-30X3F
LPS
3993
30YW
SOT89-3
1K/REEL
LP3993-50X3F
LPS
3993
50YW
SOT89-3
1K/REEL
LP3993-33B3F
LPS
2EYWX
SOT23-3
3K/REEL
LP3993-50B3F
LPS
2KYWX
SOT23-3
3K/REEL
Marking indication:
Y:Production year W:Production week X: Series Number



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com