Electronic Components Datasheet Search
  English  ▼

X  

LP3993 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3993
Description  200mA,Ultra-low Noise LDO Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3993 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3993 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3993 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3993 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3993 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3993 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3993 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3993 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP3993-02
May.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP3993
Recommended Operating Conditions
Supply Input Voltage ------------------------------------------------------------------------------------ Vout+1V to 24V
Electrical Characteristics
(CIN = 10µF, COUT =10uF,Vin=Vout+1V,TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ.
Max
Units
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
−2
--
+2
%
Output Loading Current
Iout
200
mA
Current Limit
ILIM
RLOAD = 1Ω
250
Quiescent Current
IQ
IOUT = 0mA
5
μA
Dropout Voltage
VDROP
IOUT = 100mA, VOUT =3.3V
300
mV
Linear Regulation
ΔVLINE
VIN = (VOUT + 1V) to 12V,
IOUT = 1mA
0.2
%
Load Regulation
ΔVLOAD
1mA < IOUT < 150mA
2
%
\Thermal Shutdown Temperature
TSD
150
°C
Thermal Shutdown Hysteresis
25
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com