Electronic Components Datasheet Search
  English  ▼

X  

LP4066 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP4066
Description  800mA Single Chip Li-Ion and Li-Polymer Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4066 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP4066 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4066 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4066 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4066 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4066 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4066 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4066 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP4066-00
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 7
Preliminary Datasheet
LP4066
Absolute Maximum Ratings
Note 1
Input Voltage to GND ---------------------------------------------------------------------------------------- -0.3V to 28V
BAT Voltage GND ---------------------------------------------------------------------------------------------- - 5V to 20V
Other pin to GND -------------------------------------------------------------------------------------------- -0.3V to 6.5V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 125℃
Maximum Soldering Temperature (at leads, 10 sec) --------------------------------------------------------- 260℃
Operating Junction Temperature Range (TJ) -------------------------------------------------------- -20℃ to 85℃
Storage Temperature ------------------------------------------------------------------------------------- -65℃ to 165℃
Thermal Information
Maximum Power Dissipation ( PD,TA=25°C) --------------------------------------------------------------------- 0.6W
Thermal Resistance (θJA) ---------------------------------------------------------------------------------------- 200℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) ---------------------------------------------------------------------------------------------------- 200V
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com